Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 159 page
background image
ST7713
Ver 1.6
2008-05
12
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
641
D[3]
-2080
-239
681
VDDI
960
-239
642
D[2]
-2000
-239
682
VDDI
1024
-239
643
D[1]
-1920
-239
683
VCC
1104
-239
644
D[0] (SDA)
-1840
-239
684
VCC
1168
-239
645
TPO[8]
-1760
-239
685
VCC
1232
-239
646
TPO[7]
-1680
-239
686
VCI1
1312
-239
647
TPO[6]
-1600
-239
687
VCI1
1376
-239
648
TPO[5]
-1520
-239
688
VCI1
1440
-239
649
TPO[4]
-1440
-239
689
AGND
1520
-239
650
OSC
-1360
-239
690
AGND
1584
-239
651
TE
-1280
-239
691
AGND
1648
-239
652
CSX
-1200
-239
692
AGND
1712
-239
653
RDX (E)
-1120
-239
693
AGND
1776
-239
654
WRX (D/CX)
-1040
-239
694
AGND
1840
-239
655
SDA
-960
-239
695
VDD
1920
-239
656
GS
-880
-239
696
VDD
1984
-239
657
4WSPI
-800
-239
697
VDD
2048
-239
658
RESX
-720
-239
698
VDD
2112
-239
659
DGND
-640
-239
699
VDD
2176
-239
660
D/CX(SCL)
-560
-239
700
VREF
2256
-239
661
DGND
-480
-239
701
VREF
2320
-239
662
PCLK
-400
-239
702
VREF
2384
-239
663
DGND
-320
-239
703
TPI[1]
2464
-239
664
DE
-240
-239
704
TPI[2]
2544
-239
665
HS
-160
-239
705
AVDD
2624
-239
666
VS
-80
-239
706
AVDD
2688
-239
667
TPO[3]
0
-239
707
AVDD
2752
-239
668
TPO[2]
80
-239
708
AVDD_O
2816
-239
669
TPO[1]
160
-239
709
AVDD_O
2880
-239
670
DGND
240
-239
710
GVDD
2960
-239
671
DGND
304
-239
711
GVDD
3024
-239
672
DGND
368
-239
712
GVDD
3088
-239
673
DGND
432
-239
713
C11P
3168
-239
674
DGND
496
-239
714
C11P
3232
-239
675
DGND
560
-239
715
C11P
3296
-239
676
DGND
624
-239
716
C11N
3376
-239
677
VDDI
704
-239
717
C11N
3440
-239
678
VDDI
768
-239
718
C11N
3504
-239
679
VDDI
832
-239
719
C12P
3584
-239
680
VDDI
896
-239
720
C12P
3648
-239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com