Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 111 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 111 Page - ams AG

Back Button AS3525 Datasheet HTML 107Page - ams AG AS3525 Datasheet HTML 108Page - ams AG AS3525 Datasheet HTML 109Page - ams AG AS3525 Datasheet HTML 110Page - ams AG AS3525 Datasheet HTML 111Page - ams AG AS3525 Datasheet HTML 112Page - ams AG AS3525 Datasheet HTML 113Page - ams AG AS3525 Datasheet HTML 114Page - ams AG AS3525 Datasheet HTML 115Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
111
- 194
Table 31 PLL A Lock Counter Register
Name
Base
Default
CGU_COUNTA
AS3525_CGU_BASE
0x20
PLL A Lock Counter Register
Offset: 0x28
Bit
Bit Name
Default
Access
Bit Description
7:0
COUNTA[7:0]
0x00
R/W
number of PLL A’s fout-clock cycles until the LOCKA
bit is set
Table 32 PLL B Lock Counter Register
Name
Base
Default
CGU_COUNTB
AS3525_CGU_BASE
0x20
PLL B Lock Counter Register
Offset: 0x2c
Bit
Bit Name
Default
Access
Bit Description
7:0
COUNTB[7:0]
0x00
R/W
number of PLL B’s fout-clock cycles until the LOCKB
bit is set
Table 33 IDE Clock Controller Register
Name
Base
Default
CGU_IDE
AS3525_CGU_BASE
0x20
IDE Clock Controller Register
Offset: 0x30
This register allows setting the IDE interface clocks.
Bit
Bit Name
Default
Access
Bit Description
7
IDEIF_CLK_EN
0
R/W
IDE AHB IF clock enable
6
IDE_CLK_EN
0
R/W
IDE IF clock enable (90MHz domain) => clk_ide
5:2
IDE_DIV_SEL [2:0]
0x0
R/W
division ratio => div = 1/(ide_div_sel + 1)
1:0
IDE_SEL[1:0]
0x0
R/W
clkin select (clk_ide)
00: clk_main
01: plla_fout
10: pllb_fout
11: reserved (clk_main)
Note: f(clk_ide) := f(clkin) * div;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com