Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 113 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 113 Page - ams AG

Back Button AS3525 Datasheet HTML 109Page - ams AG AS3525 Datasheet HTML 110Page - ams AG AS3525 Datasheet HTML 111Page - ams AG AS3525 Datasheet HTML 112Page - ams AG AS3525 Datasheet HTML 113Page - ams AG AS3525 Datasheet HTML 114Page - ams AG AS3525 Datasheet HTML 115Page - ams AG AS3525 Datasheet HTML 116Page - ams AG AS3525 Datasheet HTML 117Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
113
- 194
Figure 43 Table with verified CGU frequency settings for Audio and USB applications with 24MHz crystal
PLL
_F
PLL
_R
PLL
_OD
fref
[MHz]
fvco
[MHz]
plla_fout
[MHz]
fclk_
pre
fclk_
post
fclk
[MHz]
pclk_
div0
pclk_
div1
pclk
[MHz]
mclk
_div
mclk
[Hz]
fsaudio
[Hz]
faudio
error
[%]
usb_
div
fusbphy
[Hz]
fusb
error
[%]
fsaudio
target
[Hz]
CPU
clock
mode
Target: 48.000 Hz
48
6
1
4,000 384,000
384,000
0,00
5,00
64,000
00 64,000
61 6.193.548
48.387
0,806
3 48.000.000 0,000
48000 fastbus
24
3
3
8,000 384,000
96,000
0,00
1,00
48,000
00 48,000
15 6.000.000
46.875
-2,344
1 48.000.000 0,000
48000 fastbus
41
8
2
3,000 246,000
123,000
0,00
1,00
61,500
00 61,500
19 6.150.000
48.047
0,098
48000 fastbus
23
5
3
4,800 220,800
55,200
0,00
0,00
55,200
00 55,200
8 6.133.333
47.917
-0,174
48000 fastbus
Target: 44.100 Hz
48
6
1
4,000 384,000
384,000
05
64,000
00 64,000
67 5.647.059
44.118
0,040
3 48.000.000 0,000
44100 fastbus
24
3
3
8,000 384,000
96,000
01
48,000
00 48,000
16 5.647.059
44.118
0,040
1 48.000.000 0,000
44100 fastbus
47
10
2
2,400 225,600
112,800
01
56,400
00 56,400
19 5.640.000
44.063
-0,085
44100 fastbus
79
12
3
2,000 316,000
79,000
01
39,500
00 39,500
13 5.642.857
44.085
-0,034
44100 fastbus
47
10
3
2,400 225,600
56,400
01
28,200
00 28,200
9 5.640.000
44.063
-0,085
44100 fastbus
Target: 32.000 Hz
48
6
1
4,000 384,000
384,000
05
64,000
00 64,000
93 4.085.106
31.915
-0,266
3 48.000.000 0,000
32000 fastbus
24
3
3
8,000 384,000
96,000
01
48,000
00 48,000
22 4.173.913
32.609
1,902
1 48.000.000 0,000
32000 fastbus
41
6
3
4,000 328,000
82,000
01
41,000
00 41,000
19 4.100.000
32.031
0,098
32000 fastbus
31
7
3
3,429 212,571
53,143
01
26,571
00 26,571
12 4.087.912
31.937
-0,197
32000 fastbus
Target: 24.000 Hz
48
6
1
4,000 384,000
384,000
05
64,000
00 64,000
124 3.072.000
24.000
0,000
3 48.000.000 0,000
24000 fastbus
24
3
3
8,000 384,000
96,000
01
48,000
00 48,000
30 3.096.774
24.194
0,806
1 48.000.000 0,000
24000 fastbus
41
8
2
3,000 246,000
123,000
01
61,500
00 61,500
39 3.075.000
24.023
0,098
24000 fastbus
Target: 22.050 Hz
48
6
1
4,000 384,000
384,000
05
64,000
00 64,000
135 2.823.529
22.059
0,040
3 48.000.000 0,000
22050 fastbus
24
3
3
8,000 384,000
96,000
01
48,000
00 48,000
33 2.823.529
22.059
0,040
1 48.000.000 0,000
22050 fastbus
47
10
2
2,400 225,600
112,800
01
56,400
00 56,400
39 2.820.000
22.031
-0,085
22050 fastbus
Target: 16.000 Hz
48
6
1
4,000 384,000
384,000
05
64,000
00 64,000
187 2.042.553
15.957
-0,266
3 48.000.000 0,000
16000 fastbus
24
3
3
8,000 384,000
96,000
01
48,000
00 48,000
46 2.042.553
15.957
-0,266
1 48.000.000 0,000
16000 fastbus
41
6
3
4,000 328,000
82,000
01
41,000
00 41,000
39 2.050.000
16.016
0,098
16000 fastbus
Target: 12.000 Hz
48
6
1
4,000 384,000
384,000
05
64,000
00 64,000
249 1.536.000
12.000
0,000
3 48.000.000 0,000
12000 fastbus
24
3
3
8,000 384,000
96,000
01
48,000
00 48,000
62 1.523.810
11.905
-0,794
1 48.000.000 0,000
12000 fastbus
41
6
3
4,000 328,000
82,000
01
41,000
00 41,000
52 1.547.170
12.087
0,727
12000 fastbus
Target: 11.025 Hz
48
6
1
4,000 384,000
384,000
05
64,000
00 64,000
271 1.411.765
11.029
0,040
3 48.000.000 0,000
11025 fastbus
24
3
3
8,000 384,000
96,000
01
48,000
00 48,000
67 1.411.765
11.029
0,040
1 48.000.000 0,000
11025 fastbus
41
6
3
4,000 328,000
82,000
01
41,000
00 41,000
57 1.413.793
11.045
0,184
11025 fastbus
Target: 8.000 Hz
48
6
1
4,000 384,000
384,000
05
64,000
00 64,000
374 1.024.000
8.000
0,000
3 48.000.000 0,000
8000 fastbus
24
3
3
8,000 384,000
96,000
01
48,000
00 48,000
93 1.021.277
7.979
-0,266
1 48.000.000 0,000
8000 fastbus
41
6
3
4,000 328,000
82,000
01
41,000
00 41,000
79 1.025.000
8.008
0,098
8000 fastbus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com