Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 116 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 116 Page - ams AG

Back Button AS3525 Datasheet HTML 112Page - ams AG AS3525 Datasheet HTML 113Page - ams AG AS3525 Datasheet HTML 114Page - ams AG AS3525 Datasheet HTML 115Page - ams AG AS3525 Datasheet HTML 116Page - ams AG AS3525 Datasheet HTML 117Page - ams AG AS3525 Datasheet HTML 118Page - ams AG AS3525 Datasheet HTML 119Page - ams AG AS3525 Datasheet HTML 120Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
116
- 194
7.3.15.2 IO_PADRING functions
Within the IO_PADRING module all multiplexing for selecting alternative functions is implemented. The selection of active functions is chosen within
the IO_configuration_register. Following table gives a description of the IO configurations:
Table 91 IO_PADRING Configurations
Name
Base
Default
CCU_IO
AS3525_CCU_BASE
0x00
IO Configuration Registers
Offset: 0x000Ch
With this read/write registers the functionality of IOs are controlled which provides
several different functions
Bit
Bit Name
Default
Access
Bit Description
8:7
naf_ce_sel[1:0]
0
R/W
these bits select which output is used for NAF ce_n.
0: naf_ce0_n
1: naf_ce1_n
2: naf_ce2_n
3: naf_ce3_n
6
pll_probe_en
0
R/W
test mode:
1: pll output clock is available at a GPIO Pin
5
ide_sel
0
R/W
1: the IDE input/output configuration is set
4
spi_flash_mode
0
R/W
SPI used in master mode:
1: pin SSP_FSSOUT always 0
0: pin SSP_FSSOUT generated by SSP hardware block
SPI used in slave mode:
spi_flash_mode hast to be switched to 0
3:2
xpd_func_sel(1:0)
0
R/W
00: XPD works as general purpose IO
01: SD-MCI interface
10: the XPD[5:0] are configured to support MS, XPD[7:6} are
general IO pins
11: reserved (XPD works as general IO)
1
i2c_ms_sel
0
R/W
1: the I2C master/slave IO configuration is set
0
uart_sel
0
R/W
1: the uart IO configuration is set
7.3.15.3 Other CCU functions
With the CCU_MEMMAP register, the remap(r/w) and int_boot_sel (read only) bits are accessible.
Table 92 Memory Map Register
Name
Base
Default
CCU_MEMMAP
AS3525_CCU_BASE
N/A
Memory Map Register
Offset: 0x0008h
With the register the remap(r/w) and int_boot_sel (r only) bits are accessible.
Bit
Bit Name
Default
Access
Bit Description
1
INT_BOOT_SEL
external
pin
XPC[0]
R
Boot selection
1: internal ROM
0: external memory interface
0
REMAP
0
R/W
Defines memory mapping
1: RAM
0: ROM
If the INIT_BOOT_SEL is 0 (boot from external memory interface), following pins will be latched at startup to define the MPMC interface settings:
•
mpmc_stcs1mw[0]
•
mpmc_stcs1pb
•
mpmc_stcs1pol
•
mpmc_rel1config



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com