Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 115 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 115 Page - ams AG

Back Button AS3525 Datasheet HTML 111Page - ams AG AS3525 Datasheet HTML 112Page - ams AG AS3525 Datasheet HTML 113Page - ams AG AS3525 Datasheet HTML 114Page - ams AG AS3525 Datasheet HTML 115Page - ams AG AS3525 Datasheet HTML 116Page - ams AG AS3525 Datasheet HTML 117Page - ams AG AS3525 Datasheet HTML 118Page - ams AG AS3525 Datasheet HTML 119Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
115
- 194
Name
Base
Default
CCU_SRC
AS3525_CCU_BASE
0x00
Software Reset Control Register
Offset: 0x0000h
Writing a logic 1 to the single bits in the read/write register enables resets to each
module.
Bit
Bit Name
Default
Access
Bit Description
16
UART_EN
0
R/W
1: enable UART interface reset
0: disable UART interface reset
15
NAF_EN
0
R/W
1: enable NAND flash/Smart Media interface reset
0: disable NAND flash/Smart Media interface reset
14
SDMCI_EN
0
R/W
1: enable secure digital/multimedia interface reset
0: disable secure digital/multimedia interface reset
13
GPIO_EN
0
R/W
1: enable general purpose IO reset
0: disable general purpose IO reset
12
I2C_AUDIO_EN
0
R/W
1: enable audio I2C interface reset
0: disable audio I2C interface reset
11
I2C_EN
0
R/W
1: enable master/slave I2C interface reset
0: disable master/slave I2C interface reset
10
MMS_EN
0
R/W
1: enable memory stick interface reset
0: disable memory stick interface reset
9
I2SI_APB_EN
0
R/W
1: enable I2S input interface reset for APB part
0: disable I2S input interface reset for APB part
8
I2SO_APB_EN
0
R/W
1: enable I2S output interface reset for APB part
0: disable I2S output interface reset for APB part
7
USB_AHB_EN
0
R/W
1: enable USB AHB reset
0: disable USB AHB reset
6
USB_PHY_EN
0
R/W
1: enable USB PHY reset
0: disable USB PHY reset
5
DMAC_EN
0
R/W
1: enable DMA controller reset
0: disable DMA controller reset
4
VIC_EN
0
R/W
1: enable vectored interrupt cell reset
0: disable vectored interrupt cell reset
3
RAMC_EN
0
R/W
1: enable RAMC reset
0: disable RAMC reset
2
1TRAM_EN
0
R/W
1: enable 1TRAM reset
0: disable 1TRAM reset
1
MPMC_EN
0
R/W
1: enable external memory AHB reset
0: disable external memory AHB reset
0
BRIDGE_EN
0
R/W
1: enable bridge reset
0: disable bridge reset
Table 90 Software Reset Lock Register
Name
Base
Default
CCU_SRL
AS3525_CCU_BASE
0x00
Software Reset Lock Register
Offset: 0x0004h
Use of this register enables the software reset selected with Software Reset Control
Register. Writing a value of 0x1A720212 will enable the selected reset; writing any
other value will not enable software reset.
Bit
Bit Name
Default
Access
Bit Description
0:31
software_reset_lock
0
R/W
0x1A720212: enables selected reset
Other values: no effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com