Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 121 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 121 Page - ams AG

Back Button AS3525 Datasheet HTML 117Page - ams AG AS3525 Datasheet HTML 118Page - ams AG AS3525 Datasheet HTML 119Page - ams AG AS3525 Datasheet HTML 120Page - ams AG AS3525 Datasheet HTML 121Page - ams AG AS3525 Datasheet HTML 122Page - ams AG AS3525 Datasheet HTML 123Page - ams AG AS3525 Datasheet HTML 124Page - ams AG AS3525 Datasheet HTML 125Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
121
- 194
7.4.2
3V Step-Up Converter
7.4.2.1
General
•
Output voltage 3V to 3.6V (BVDD) programmable in 4 steps via DCDC3p bit to save power
•
Input voltage 1V (1.2V) to 3V, voltages higher than that can be connected to BVDD directly
•
Maximum output current to BVDD: 150mA
•
Current mode operation
•
On-chip compensation and feedback network
•
On chip 300mΩ NMOS switch
•
PWM mode with 1.2MHz switching frequency
•
Inductor current limitation 850mA
•
Pulse skipping capability
•
Low quiescent current: 40μA in PFM-mode, 300μA in PWM mode
•
≤1μA shutdown current
•
uses external coil (6.8
μH) and Schottky diode (500mA)
Figure 45 DCDC 3V Block Diagram
7.4.2.2
Parameter
Table 99 DCDC Boost Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
Power down mode
5
μA
PFM mode operation
40
μA
IVDD2.9
Supply Current
PWM mode (low output load)
300
μA
VSTARTUP
Startup Voltage
RLoad>220Ω
1.0
V
VHOLD
Hold-on Voltage
IOUT=1mA, VBAT falling from 1.5 to 0V
0.5
V
RSW_on
Internal Switch RDS_ON
300
mΩ
fSW
Switching Frequency
Start-up, X3VOK=1
100
250
500
kHz
PWM mode operation, X3VOK=0
1.2
MHz
tON_min
Minimum On-time
100
ns
tOFF_min
Minimum Off-time
100
ns
ηeff
Efficiency
IOUT=20mA, Vin=1.35
85
%
IOUT=50mA, Vin=1.5
87
%
ISW_LIM
Current Limit
1.0V ≤ VB1V ≤ 3.0V
0.60
0.85
1.10
A
IOUT
Load Current
VB1V=1.0V
150
mA
Vin=1.0..2.0V, C(VBAT_1V) = 2.2
μF ceramic || 2000μF Elko, C(BVDD) = 3 x 2.2μF ceramic, L=DS1608 6.8μH, Temp = 25deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com