Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 124 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 124 Page - ams AG

Back Button AS3525 Datasheet HTML 120Page - ams AG AS3525 Datasheet HTML 121Page - ams AG AS3525 Datasheet HTML 122Page - ams AG AS3525 Datasheet HTML 123Page - ams AG AS3525 Datasheet HTML 124Page - ams AG AS3525 Datasheet HTML 125Page - ams AG AS3525 Datasheet HTML 126Page - ams AG AS3525 Datasheet HTML 127Page - ams AG AS3525 Datasheet HTML 128Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
124
- 194
7.4.3.5
LDO4
This LDO will be used to supply the digital processor periphery (vdd_peri). Default value is 3.11V, but it can be manually programmed to 2.94V if
needed.
•
Input Voltage BVDD
•
Output Voltage is IOVDD (3.11 or 2.94)
•
Programmable via IOVDDp bit.
•
Driver strength: 200mA
7.4.3.6
LDO6
This LDO will be used to supply the USB 2.0 OTG interface block.
•
Input Voltage BVDD
•
Output Voltage is UVDD (3.26V)
•
separate enable bit in USB_UTIL register (0x17)
•
Driver strength: 200mA
7.4.3.7
Parameter
Table 102 LDOs Block Characteristics
Symbol
Parameter
Notes
Min
Typ
Max
Unit
RON
On resistance
1
Ω
f=1kHz
70
dB
PSRR
Power supply rejection ratio
f=100kHz
40
IOFF
Shut down current
100
nA
IVDD
Supply current
without load
50
μA
Noise
Output noise
10Hz < f < 100kHz
50
μVrms
tstart
Startup time
200
μs
Vbat>3.0V
1.7
2.85
V
full prog. range
1.7
3.56
V
Vout
Output voltage
LDO1, LDO2
2.9
V
Vout_tol
Output voltage tolerance
-50
50
mV
LDO1, Static
-1
1
mV
VLineReg
Line regulation
LDO1, Transient; Slope: tr=10μs
-10
10
LDO1, Static
-1
1
mV
VLoadReg
Load regulation
LDO1, Transient; Slope: tr=10μs
-10
10
ILIMIT
Current limitation
LDO1, LDO2, LDO3, LDO4
400
mA
BVDD=4V; ILOAD=150mA; Tamb=25ºC; CLOAD =2.2μF (Ceramic); unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com