Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 128 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 128 Page - ams AG

Back Button AS3525 Datasheet HTML 124Page - ams AG AS3525 Datasheet HTML 125Page - ams AG AS3525 Datasheet HTML 126Page - ams AG AS3525 Datasheet HTML 127Page - ams AG AS3525 Datasheet HTML 128Page - ams AG AS3525 Datasheet HTML 129Page - ams AG AS3525 Datasheet HTML 130Page - ams AG AS3525 Datasheet HTML 131Page - ams AG AS3525 Datasheet HTML 132Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
128
- 194
7.4.4.4
Register Settings
Table 106 CVDD / DCDC3 Register
Name
Base
Default
CVDD / DCDC 3
I2C audio master
0x00
Charge Pump and 3V DCDC Register
Offset: 0x21
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
CP_SW
0
R/W
charge pump / length regulator switch margin reduction
0: margin set to 200/300 mV
1: margin reduced to 150/225 mV (automatic switching to
length regulator is done “later”, at a lower input voltage)
6
CP_on
0
R/W
0: normal operation
1: keeps Mode 3 charge pump always on
Please note that bit 2 = “0”, overrides bit 6.
R
Core voltage generation mode
0: CP is working
1: LREG is working
5
LREG_CPnot
0
W
For production testing purpose only, in normal application
mode this bit must always be written with “0”.
4:3
DCDC3p
00
R/W
DCDC3 Vout programming (BVDD)
00: 3.6V
01: 3.2V
10: 3.1V
11: 3.0V
2
LREG_off
0
R/W
0: keeps Mode2 (length regulator always on)
1: normal operation
1:0
CVDDp
00
R/W
CVDD trimming:
00: 1.2V
01: 1.15V
10: 1.10V
11: 1.05V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com