Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 129 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 129 Page - ams AG

Back Button AS3525 Datasheet HTML 125Page - ams AG AS3525 Datasheet HTML 126Page - ams AG AS3525 Datasheet HTML 127Page - ams AG AS3525 Datasheet HTML 128Page - ams AG AS3525 Datasheet HTML 129Page - ams AG AS3525 Datasheet HTML 130Page - ams AG AS3525 Datasheet HTML 131Page - ams AG AS3525 Datasheet HTML 132Page - ams AG AS3525 Datasheet HTML 133Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
129
- 194
7.4.5
Audio Line Output
7.4.5.1
General
The line output is designed to provide the audio signal with typical 1Vp at a load of minimum 10k
Ω, which is a minimum value for line inputs.
Additional this output amplifier is capable to drive a 32
Ω load (e.g. an earpiece of a mobile phone). To achieve this operation mode can be
switched from single ended stereo to mono differential.
This output stage has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from -40.5dB to
+6dB. Changing of volume and mute control can only be done after enabling the output.
If using the output in mono differential mode, the volume setting for the right channel should be set to 0dB.
Figure 49 Line Output
Stereo Mode
Mono Differential Mode (please observe that gain of right
channel amplifier has to best to 0dB)
7.4.5.2
Parameter
Table 107 Line Output Characteristics
Symbol
Parameter
Notes
Min
Typ
Max
Unit
stereo mode
10k
Ohm
RL
Output Load
differential mode
32
Ohm
A0
Gain
programmable gain
-40.5
6
dB
Ax
Gain Step-Size
1.5
dB
SNR
Signal to Noise Ratio
stereo mode
90
dB
Mute Attenuation
120
dB
BVDD = 3.3V, TA= 25oC unless otherwise mentioned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com