Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 133 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 133 Page - ams AG

Back Button AS3525 Datasheet HTML 129Page - ams AG AS3525 Datasheet HTML 130Page - ams AG AS3525 Datasheet HTML 131Page - ams AG AS3525 Datasheet HTML 132Page - ams AG AS3525 Datasheet HTML 133Page - ams AG AS3525 Datasheet HTML 134Page - ams AG AS3525 Datasheet HTML 135Page - ams AG AS3525 Datasheet HTML 136Page - ams AG AS3525 Datasheet HTML 137Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
133
- 194
7.4.6.8
Register Description
Table 113 Headphone Related Register
Name
Base
Offset
Description
AudioSet_3
I2C audio master
0x16
Power save options, common mode buffer
IRQ_ENRD_1
I2C audio master
0x26
Interrupt settings for over current and HP detection
Table 114 HPH_OUT_R Register
Name
Base
Default
HPH_OUT_R
I2C audio master
0x00
Right Headphone Output Register
Offset: 0x02
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:6
HP_OVC_TO
00
R/W
headphone over current time out:
11: 0 ms
10: 512 ms
01: 128 ms
00: 256 ms
5
0
n/a
do not change
4:0
HPR_VOL
00000
R/W
volume settings for right headphone output,
adjustable in 32 steps @ 1.5dB
11111: 1.07 dB gain
11110: -0.43 dB gain
..
00001: -43.93 dB gain
00000: -45.43 dB gain
Table 115 HPH_OUT_L Register
Name
Base
Default
HPH_OUT_L
I2C audio master
0x00
Left Headphone Output Register
Offset: 0x03
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
HP_Mute_on
0
R/W
0: normal operation
1: headphone output set to mute (mute is on during power-up)
6
HP_on
0
R/W
0: headphone stage not powered
1: power up headphone stage
5
HPdet_on
0
R/W
0: no headphone detection
1: enable headphone detection
4:0
HPL_VOL
00000
R/W
volume settings for left headphone output,
adjustable in 32 steps @ 1.5dB
11111: 1.07 dB gain
11110: -0.43 dB gain
..
00001: -43.93 dB gain
00000: -45.43 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com