Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 135 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 135 Page - ams AG

Back Button AS3525 Datasheet HTML 131Page - ams AG AS3525 Datasheet HTML 132Page - ams AG AS3525 Datasheet HTML 133Page - ams AG AS3525 Datasheet HTML 134Page - ams AG AS3525 Datasheet HTML 135Page - ams AG AS3525 Datasheet HTML 136Page - ams AG AS3525 Datasheet HTML 137Page - ams AG AS3525 Datasheet HTML 138Page - ams AG AS3525 Datasheet HTML 139Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
135
- 194
7.4.7.5
Power Save Options
When driving > 4
Ω, two power save options can be chosen.
The output driver stage can be set to only 25% drive capacity, which will reduce the maximum output power. Additionally the bias currents can be
reduced to 50% in 3 steps.
Table 116 Speaker Power-Save Options
LSP_LP
IBR_LSP
IDD_LSP (typ.)
Load
0
00
8mA
4 Ohm
1
00
2.8mA
16-32 Ohm
1
01
2.4mA
16-32 Ohm
1
10
1.9mA
16-32 Ohm
1
11
1.5mA
16-32 Ohm
BVDD = 3.3V, TA= 25oC unless otherwise mentioned
7.4.7.6
Parameter
Table 117 Speaker Amplifier Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
stereo mode
4
Ohm
RL
Output Load
mono differential mode
8
Ohm
Pout
Maximum Output Power
RL= 8
Ω
1
W
A0
Gain
programmable gain
-40.5
6
dB
Ax
Gain Step-Size
1.5
dB
PSRR
Power Supply Rejection Ratio 200Hz-20kHz, 720mVpp, no load
70
75
dB
Short Current Protection Level
700
mA
IOUT_pd
IOUT power down
-20
20
uA
Tpower_up
100
ms
SNR
Signal to Noise Ratio
90
dB
Mute Attenuation
120
dB
BVDD = 5V, TA= 25oC unless otherwise mentioned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com