Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 138 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 138 Page - ams AG

Back Button AS3525 Datasheet HTML 134Page - ams AG AS3525 Datasheet HTML 135Page - ams AG AS3525 Datasheet HTML 136Page - ams AG AS3525 Datasheet HTML 137Page - ams AG AS3525 Datasheet HTML 138Page - ams AG AS3525 Datasheet HTML 139Page - ams AG AS3525 Datasheet HTML 140Page - ams AG AS3525 Datasheet HTML 141Page - ams AG AS3525 Datasheet HTML 142Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
138
- 194
7.4.8
Microphone Inputs (2x)
7.4.8.1
General
The chip features two identical microphone inputs. The blocks have differential inputs to a microphone amplifier with adjustable gain. This stage
also includes an AGC.
The following volume control has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from –
40.5dB to +6dB. The stage is set to mute by default. If the microphone input is not enabled, the volume settings are set to their default values.
Changing of volume and mute control can only be done after enabling the input.
Figure 52 Microphone Input
Microphone Preamplifier and Gain Stage
7.4.8.2
AGC
The microphone amplifier includes an AGC, which is limiting the signal to 1Vp. The AGC has 15 steps with a dynamic range of about 29dB. The
AGC is ON by default but can be disabled by a microphone register bit.
7.4.8.3
Supply & Detection
Each microphone input generates a supply voltage of 1.5V above HPHCM. The supply is designed for
≤2mA and has a 10mA current limit. In OFF
mode the MICSUP terminal is pulled to AVDD with 30kohm. A current of typically 50uA generates an interrupt to inform the CPU, that a circuit is
connected. When using HPHCM as headset ground the HPH–stage gives the interrupt. After enabling the HPH-stage through the CPU the
microphone detection interrupt will follow.
7.4.8.4
Remote Control
Fast changes of the supply current of typically 500uA are detected as a remote button press, and an interrupt is generated. Then the CPU can start
the measurement of the microphone supply current with the internal 10-bit ADC to distinguish which button was pressed. As the current
measurement is done via an internal resistor, only two buttons generating a current of about 0.5mA and 1mA can be detected. With this 1mA as
microphone bias is still available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com