Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 142 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 142 Page - ams AG

Back Button AS3525 Datasheet HTML 138Page - ams AG AS3525 Datasheet HTML 139Page - ams AG AS3525 Datasheet HTML 140Page - ams AG AS3525 Datasheet HTML 141Page - ams AG AS3525 Datasheet HTML 142Page - ams AG AS3525 Datasheet HTML 143Page - ams AG AS3525 Datasheet HTML 144Page - ams AG AS3525 Datasheet HTML 145Page - ams AG AS3525 Datasheet HTML 146Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
142
- 194
7.4.9.3
Register Description
Table 125 Line Input Related Register
Name
Base
Offset
Description
AudioSet1
I2C audio master
0x14
Enable/disable driver stage
Table 126 LINE_IN1_R & LINE_IN2_R Register
Name
Base
Default
LINE_IN1_R, LINE_IN2_R
I2C audio master
0x00
Right Line Input Registers
Offset: 0x0A, 0x0C
This register is reset when the block is disabled in AudioSet1 register (0x14) or at a
DVDD-POR. The register cannot be written when the block is disabled.
Bit
Bit Name
Default
Access
Bit Description
7:6
00
n/a
do not change
5
LI1R_Mute_off
LI2R_Mute_off
0
R/W
0: right line input is set to mute
1: normal operation
4:0
LI1R_VOL
LI2R_VOL
00000
R/W
volume settings for right line input,
adjustable in 32 steps @ 1.5dB
11111: 12 dB gain
11110: 10.5 dB gain
..
00001: -33 dB gain
00000: -34.5 dB gain
Table 127 LINE_IN1_L & LINE_IN2_L Register
Name
Base
Default
LINE_IN1_L, LINE_IN2_L
I2C audio master
0x00
Right Line Input Registers
Offset: 0x0B, 0x0D
This register is reset when the block is disabled in AudioSet1 register (0x14) or at a
DVDD-POR. The register cannot be written when the block is disabled.
Bit
Bit Name
Default
Access
Bit Description
7:6
LI1_Mode
LI2_Mode
00
R/W
Stereo or mono input selection
00: inputs switched to single ended stereo
01: inputs switched to differential mono
10: inputs switched to single ended mono
11: reserved, do not use.
5
LI1L_Mute_off
LI2L_Mute_off
0
R/W
0: left line input is set to mute
1: normal operation
4:0
LI1L_VOL
LI2L_VOL
00000
R/W
volume settings for right line input,
adjustable in 32 steps @ 1.5dB
11111: 12 dB gain
11110: 10.5 dB gain
..
00001: -33 dB gain
00000: -34.5 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com