Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 144 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 144 Page - ams AG

Back Button AS3525 Datasheet HTML 140Page - ams AG AS3525 Datasheet HTML 141Page - ams AG AS3525 Datasheet HTML 142Page - ams AG AS3525 Datasheet HTML 143Page - ams AG AS3525 Datasheet HTML 144Page - ams AG AS3525 Datasheet HTML 145Page - ams AG AS3525 Datasheet HTML 146Page - ams AG AS3525 Datasheet HTML 147Page - ams AG AS3525 Datasheet HTML 148Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
144
- 194
Figure 56 I2S Timing
7.4.10.4 Power Save Options
The bias current of the DAC block can be reduced in three steps down to 50% to reduce the power consumption.
7.4.10.5 Clock Supervision
The digital audio interface automatically checks the LRCK. An interrupt can be generated when the state of the LRCK input changes. A bit in the
interrupt register represents the actual state (present or not present) of the LRCK.
7.4.10.6 Parameter
Table 128 Audio Converter Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
programmable gain DAC input
-43.43
1.07
dB
A0
Gain
programmable gain ADC output
-34.5
12
dB
Ax
Gain Step-Size
1.5
dB
Mute Attenuation
120
dB
I2S inputs / outputs
VIL
SCLK, LRCK, SDI (30%DVDD/2)
-
-
0.42
V
VIH
SCLK, LRCK, SDI (70%DVDD/2)
1.02
-
DVDD
V
VOL
SDO,IRQ @2mA
-
-
0.3
V
VOH
SDO,IRQ @2mA
2.6
-
-
V
TSCLKH
SCLK clock high time
80
ns
TSCLKL
SCLK clock low time
80
ns
TSDSU
Data set-up time
SDI versus rising edge of SCLK
80
ns
TSDHD
Data hold time
SDI versus rising edge of SCLK
80
ns
TSDOD
Data Output Delay
SDO versus falling edge of SCLK
25
ns
TLRSU
Clock set up time
LRCK versus rising edge of SCLK
80
ns
TLRHD
Clock hold time
LRCK versus rising edge of SCLK
80
ns
TS1, TS2
Clock separation time
MCLCK rising edge versus LRCK
20
ns
TJITTER
clock Jitter
LRCK
-20
20
ns
BVDD = 3.3V, DVDD = 2.9V, TA= 25oC unless otherwise mentioned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com