Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 143 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 143 Page - ams AG

Back Button AS3525 Datasheet HTML 139Page - ams AG AS3525 Datasheet HTML 140Page - ams AG AS3525 Datasheet HTML 141Page - ams AG AS3525 Datasheet HTML 142Page - ams AG AS3525 Datasheet HTML 143Page - ams AG AS3525 Datasheet HTML 144Page - ams AG AS3525 Datasheet HTML 145Page - ams AG AS3525 Datasheet HTML 146Page - ams AG AS3525 Datasheet HTML 147Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
143
- 194
7.4.10
I2S Digital Audio Interface
7.4.10.1 Input
Digital audio data can be fed into the AS3515A via the I2S interface These input data are then used by the 18-bit DAC to generate the analog audio
signal.
The volume control has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from –40.5dB to
+6dB. The stage is set to mute by default. If the DAC input is not enabled, the volume settings are set to their default values. Changing the volume
and mute control can only be done after enabling the input.
7.4.10.2 Output
This block consists of an audio multiplexer where the signal, which should be recorded, can be selected. The output is then fed through a volume
control to the 14 bit ADC. The digital output is done via an I2S interface.
The volume control has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from –34.5dB to
+12dB. The stage is set to mute by default. If the ADC output is not enabled, the volume settings are set to their default values. Changing the
volume and mute control can only be done after enabling the input.
The I2S output uses the same clocks as the I2S input. The sampling rate therefore depends also on the input sampling rate.
7.4.10.3 Signal Description
The digital audio interface uses the standard I2S format:
•
left justified
•
MSB first
•
one additional leading bit
The first 18 bits are taken for DAC conversion. The on-chip synchronization circuit allows any bit-count up 32bit. When there are less than 18 bits
sampled, the data sample is completed with “0”s. The ADC output is always 16 bit. If more SCLK pulses are provided, only the first 16 will be
significant. All following bits will be “0”.
SCLK has not to be necessarily synchronous to LRCK but the high going edge has to be separate from LRCK edges. The LRCK signal has to be
derived from a jitter-free clock source, because the on-chip PLL is generating a clock for the digital filter, which has to be always in correct phase
lock condition to the external LRCK.
The digital part has to provide MCLK (master clock) with 128*fs (fs = audio sampling frequency) over-sampling to guarantee a proper DAC and
ADC operation.
Figure 55 I2S Left Justified Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com