Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 139 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 139 Page - ams AG

Back Button AS3525 Datasheet HTML 135Page - ams AG AS3525 Datasheet HTML 136Page - ams AG AS3525 Datasheet HTML 137Page - ams AG AS3525 Datasheet HTML 138Page - ams AG AS3525 Datasheet HTML 139Page - ams AG AS3525 Datasheet HTML 140Page - ams AG AS3525 Datasheet HTML 141Page - ams AG AS3525 Datasheet HTML 142Page - ams AG AS3525 Datasheet HTML 143Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
139
- 194
7.4.8.5
Parameter
Table 121 Microphone Inputs Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
A0
Gain
programmable gain
-40.5
6
dB
Ax
Gain Step-Size
1.5
dB
RinMIC
Input Resistance
differential
15
kOhm
AMIC0
MicAmp_Gain0
28
dB
AMIC1
MicAmp_Gain1
34
dB
AMIC2
MicAmp_Gain2
40
dB
SoftClip_AGC_Range
15*2.0
dB
Attack_Time
60
us
Release_Time
120
ms
VInnom0
Nominal_Input_Voltage0
MicInGain = 0dB, MicAmp_Gain0
40
mVp
VInnom1
Nominal_Input_Voltage1
MicInGain = 0dB, MicAmp_Gain1
20
mVp
VInnom2
Nominal_Input_Voltage2
MicInGain = 0dB, MicAmp_Gain2
10
mVp
SNR
Signal to Noise Ratio
90
dB
Mute Attenuation
120
dB
Microphone Supply
VMICsup
Microphone Supply Voltage
0-4mA
2.95
V
IMIClim
Mic. Supply Current Limit
10
mA
IMICdet
Mic. Detection Current
50
uA
IREMdet
Remote Detection Current
microphone supply current step
500
uA
Vnoise
Voltage Noise
5.7
uV
BVDD = 3.3V, TA= 25oC unless otherwise mentioned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com