Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 127 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 127 Page - ams AG

Back Button AS3525 Datasheet HTML 123Page - ams AG AS3525 Datasheet HTML 124Page - ams AG AS3525 Datasheet HTML 125Page - ams AG AS3525 Datasheet HTML 126Page - ams AG AS3525 Datasheet HTML 127Page - ams AG AS3525 Datasheet HTML 128Page - ams AG AS3525 Datasheet HTML 129Page - ams AG AS3525 Datasheet HTML 130Page - ams AG AS3525 Datasheet HTML 131Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
127
- 194
7.4.4.3
Parameter
Table 105 CP Typical Performance Parameter
CVDD Charge Pump Re gulation to 1.2V
1,05
1,1
1,15
1,2
1,25
1,3
0
50
100
150
200
250
I_CVDD [mA]
h
CVDD Lengh Regulation to 1.2V
1
1,05
1,1
1,15
1,2
1,25
0
50
100
150
200
250
300
350
400
I_CVDD [mA]
BVDD= 2.8V
BVDD= 3.0V BVDD= 3.2V
BVDD= 3.4V
BVDD= 3.6V
BVDD= 3.0V
BVDD= 3.2V
BVDD= 3.4V
BVDD= 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com