Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 123 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 123 Page - ams AG

Back Button AS3525 Datasheet HTML 119Page - ams AG AS3525 Datasheet HTML 120Page - ams AG AS3525 Datasheet HTML 121Page - ams AG AS3525 Datasheet HTML 122Page - ams AG AS3525 Datasheet HTML 123Page - ams AG AS3525 Datasheet HTML 124Page - ams AG AS3525 Datasheet HTML 125Page - ams AG AS3525 Datasheet HTML 126Page - ams AG AS3525 Datasheet HTML 127Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
123
- 194
7.4.3
Low Drop Out Regulators
7.4.3.1
General
These LDO’s are designed to supply sensitive analogue circuits, audio devices, AD and DA converters, micro-controller and other peripheral
devices.
The design is optimised to deliver the best compromise between quiescent current and regulator performance for battery powered devices.
Stability is guaranteed with ceramic output capacitors of 1μF +/-20% (X5R) or 2.2μF +100/-50% (Z5U). The low ESR of these caps ensures low
output impedance at high frequencies. Regulation performance is excellent even under low dropout conditions, when the power transistor has to
operate in linear mode. Power supply rejection is high enough to suppress high ripple on the battery at the output. The low noise performance
allows direct connection of noise sensitive circuits without additional filtering networks. The low impedance of the power device enables the device
to deliver up to 150mA even at nearly discharged batteries without any decrease of performance.
Figure 47 LDO Block Diagram
7.4.3.2
LDO1
This LDO generates the analog supply voltage used for the AFE itself.
•
Input voltage is BVDD
•
Output voltage is AVDD (typ. 2.9V)
7.4.3.3
LDO2
This LDO generates the digital supply voltage used for the AFE itself.
•
Input Voltage is BVDD
•
Output Voltage is DVDD (typ. 2.9V)
•
Driver strength: 200mA
7.4.3.4
LDO3
This LDO can used to generate the periphery voltage for the digital processor (e.g. vdd_mem for MPMC interface)
•
Input Voltage BVDD
•
Output Voltage is PVDD 1.7 to 3.3V
•
Driver strength: 200mA
•
Programmable via P_PVDD pin and PVDDp bit in 8 steps
Table 101 PVDD programming
P_PVDD
PVDDp=0
PVDDp=1
VSS
OFF
OFF
150k to VSS
2.50V
2.36V
Open
3.33V
3.15V
150k to DVDD
2.90V
2.74V
DVDD
1.80V
1.70V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com