Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 173 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 173 Page - ams AG

Back Button AS3525 Datasheet HTML 169Page - ams AG AS3525 Datasheet HTML 170Page - ams AG AS3525 Datasheet HTML 171Page - ams AG AS3525 Datasheet HTML 172Page - ams AG AS3525 Datasheet HTML 173Page - ams AG AS3525 Datasheet HTML 174Page - ams AG AS3525 Datasheet HTML 175Page - ams AG AS3525 Datasheet HTML 176Page - ams AG AS3525 Datasheet HTML 177Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
173
- 194
8.2.2
CTBGA224 Package Ball-out
Figure 62 AS3525A Package Ball--out
1
23456
789
10
11
12
13
14
15
A
jtag_tms
xpc_7
xpc_3
xpa_2
mpmc_addr_3 mpmc_addr_9 mpmc_addr_17 mpmc_cas_n mpmc_bls_n_0 mpmc_data_5 mpmc_data_13
ide_ha_0
naf_d_1
dbop_d14
vdd_peri
B
jtag_tdi
jtag_tck
xpc_5
xpa_0
mpmc_addr_1 mpmc_addr_11 mpmc_addr_19
vss_mem
vdd_mem
mpmc_data_7 mpmc_data_15
naf_d_7
naf_d_4
naf_d_2
vss_peri
C i2si_sdata_in
jtag_trst_n
xpc_6
xpc_1
xpa_6
mpmc_addr_7 mpmc_addr_15
vss_mem
vdd_mem
mpmc_data_9
ssp_fssout
naf_d_5
naf_d_0
naf_d_8
dbop_d15
D i2si_lrck_out
tmsel
jtag_tdo
xpc_4
xpa_4
mpmc_addr_5 mpmc_addr_13 mpmc_dqm_0 mpmc_stcs_n_0 mpmc_oe_n
ssp_rxd
ide_ha_2
naf_d_3
naf_d_14
naf_d_11
E
clk_ext
clk_sel
i2si_sclk_out
i2si_mclk
xpc_0
mpmc_addr_8 mpmc_addr_14 mpmc_clk_0 mpmc_dycs_n_1 mpmc_data_1 mpmc_data_11
naf_d_9
naf_d_13
naf_d_15
naf_ce0_n
F
id_dig
usb_vdda33t
VBUS
xpc_2
xpa_7
mpmc_addr_6 mpmc_addr_16 mpmc_cke_0
mpmc_we_n
mpmc_data_3
naf_d_10
naf_d_12
naf_ale
naf_cle
naf_bsy_n
G
usb_dp
usb_vssa33t
dbop_d12
xpa_1
mpmc_addr_0 mpmc_addr_18 mpmc_clk_1 mpmc_data_10 mpmc_data_12
ide_reset_n
naf_d_6
naf_wp_n
naf_ce3_n
naf_we_n
xpd_3
H
usb_dm
usb_vssa33t
dbop_d13
xpa_3
mpmc_addr_10 mpmc_addr_20 mpmc_data_8
ssp_clkout
ide_ha_1
naf_ce1_n
naf_re_n
xpd_0
xpd_4
xpd_7
J usb_vssa33c usb_rkelvin_rext usb_vdda33c
xpa_5
mpmc_addr_12 mpmc_cke_1
mpmc_ras_n
mpmc_data_6 mpmc_data_14
ssp_txd
naf_ce2_n
xpd_1
xpd_2
xpd_5
xpd_6
K
vdd_core
nc
DVDD
nc
mpmc_addr_4 mpmc_dycs_n_0 mpmc_bls_n_1 mpmc_data_4
xpb_4
xpb_3
xpb_2
xpb_5
xpb_7
SW_15V
SW_3V
L
vss_core
nc
PwrUP
mpmc_addr_2 mpmc_fbclkin mpmc_dqm_1 mpmc_stcs_n_1 mpmc_data_0 mpmc_data_2
xpb_0
xpb_1
xpb_6
CN_5V
CP_5V
VSS_3V
M
CLK_OUT
XRES
CSDA
CSCL
MCLK
SDI
SDO
VREF
HPCM
BATTEMP
ISINK
VSS_15V
VBAT_1V
QLDO2
VSS_1V
N
INTRQ
P_PVDD
MSUP2
LOUTR
LRCK
SCLK
LOUTL
AVDD
HPGND
HPR
BGND
BVSS2
HPL
CHG_IN
CN_1V
P
DVSS
LIN2R
LIN1R
MIC2_N
MIC1_N
MSUP1
BVSS
AGND
BVDD
BVDD
BVDD
IOVDD
RVDD
CHG_OUT
CP_1V
R
XIN_24M
XOUT_24M
LIN2L
LIN1L
MIC2_P
MIC1_P
AVSS
BVSS
LSPR
LSPL
UVDD
PVDD
XIN_32k
XOUT_32k
CVDD
Note:
PINs K2, L2 and K4 are reserved for production test purposes and must be left not connected for normal operation mode.
8.2.3 CTBGA224 Ball List
Table 161 CTBGA224 Ball List
Ball Nr.
BGA224
Ball Name
PAD Type
I/O
Ball Description
M2
XRES
resetext_n
DO
D IN ST
O
I
XRES is generated by the PMU subsystem and connected
to reset input (active low) on the BGA
M1
CLK_OUT
clk_int
DO
D IN ST
O
I
CLK_OUT is output of 20-24MHz crystal oscillator clock
and connected to clk_int on the BGA
E1
clk_ext
D IN ST PD
I
external clock input (10-26MHz)
E2
clk_sel
D IN ST PD
I
clock select
0 (low): clock from internal oscillator is used
1 (high): clock from pad clk_ext is used
D2
tmsel
D IN ST PD
I
test mode select
For testing purpose only, has to be set to “0”.
F1
id_dig
D IN ST (PU)
I
USB mini receptacle identifier
Has to be connected to USB jack ID pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com