Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 174 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 174 Page - ams AG

Back Button AS3525 Datasheet HTML 170Page - ams AG AS3525 Datasheet HTML 171Page - ams AG AS3525 Datasheet HTML 172Page - ams AG AS3525 Datasheet HTML 173Page - ams AG AS3525 Datasheet HTML 174Page - ams AG AS3525 Datasheet HTML 175Page - ams AG AS3525 Datasheet HTML 176Page - ams AG AS3525 Datasheet HTML 177Page - ams AG AS3525 Datasheet HTML 178Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
174
- 194
Ball Nr.
BGA224
Ball Name
PAD Type
I/O
Ball Description
Port A
B4
xpa[0]
D IO ST PD LSR
IO GPIO IO, Port A
G4
xpa[1]
D IO ST PD LSR
IO GPIO IO, Port A
A4
xpa[2]
D IO ST PD LSR
IO GPIO IO, Port A
H4
xpa[3]
D IO ST PD LSR
IO GPIO IO, Port A
D5
xpa[4]
D IO ST PD LSR
IO GPIO IO, Port A
J4
xpa[5]
D IO ST PD LSR
IO GPIO IO, Port A
C5
xpa[6]
D IO ST PD LSR
IO GPIO IO, Port A
F5
xpa[7]
D IO ST PD LSR
IO GPIO IO, Port A
Port B / DISPLAY / UART
xpb[0]
IO GPIO IO, Port B
mpmc_stcs1mw[0
]*
I
static memory chip memory width setting for boot loader
0: 8 bit data bus
1: 16 bit data bus
The value is latched at reset.
L10
dbop_c0
D IO ST PD LSR
O
DISPLAY control output
xpb[1]
IO GPIO IO, Port B
mpmc_stcs1pol*
I
static memory chip select polarity setting for boot loader
0: active LOW chip select
1: active high chip select
The value is latched at reset.
L11
dbop_c1
D IO ST PD LSR
O
DISPLAY control output
xpb[2]
IO GPIO IO, Port B
mpmc_stcs1pb*
I
static memory byte lane polarity setting for boot loader
0: HIGH for reads, LOW for writes, used for we_n access
1: LOW for reads, LOW for writes, used for upper and lower
byte access
The value is latched at reset.
K11
dbop_c2
D IO ST PD LSR
O
DISPLAY control output
xpb[3]
IO GPIO IO, Port B
mpmc_rel1config*
I
test mode configuration (for testing purpose only !!!)
The value is latched at reset.
K10
dbop_c3
D IO ST PD LSR
O
DISPLAY control output
xpb[4]
IO GPIO IO, Port B
K9
dbop_d[8]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
xpb[5]
IO GPIO IO, Port B
K12
dbop_d[9]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
xpb[6]
IO GPIO IO, Port B
uart_rxd
I
UART receive line
L12
dbop_d[10]
D IO ST PU LSR
IO DISPLAY data input/output (high byte)
xpb[7]
IO GPIO IO, Port B
uart_txd
O
UART transmit line
K13
dbop_d[11]
D IO ST PU LSR
IO DISPLAY data input/output (high byte)
Port C / DISPLAY / 2-WIRE SERIAL
xpc[0]
IO GPIO IO, Port C
IntBootSel*
I
BOOT LOADER source select input
1: internal ROM
0: external ROM/Flash
E5
dbop_d[0]
D IO ST PD LSR
IO DISPLAY data input/output (low byte)
C4
xpc[1]
D IO ST PD LSR
IO GPIO IO, Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com