Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 177 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 177 Page - ams AG

Back Button AS3525 Datasheet HTML 173Page - ams AG AS3525 Datasheet HTML 174Page - ams AG AS3525 Datasheet HTML 175Page - ams AG AS3525 Datasheet HTML 176Page - ams AG AS3525 Datasheet HTML 177Page - ams AG AS3525 Datasheet HTML 178Page - ams AG AS3525 Datasheet HTML 179Page - ams AG AS3525 Datasheet HTML 180Page - ams AG AS3525 Datasheet HTML 181Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
177
- 194
Ball Nr.
BGA224
Ball Name
PAD Type
I/O
Ball Description
naf_ce0_n
O
NAND FLASH chip enable
E15
ide_cs0_n
D IO ST LSR
O
IDE chip select 0
used by the host to select command block registers in the
device
naf_ce1_n
O
NAND FLASH chip enable
H11
ide_cs1_n
D IO ST LSR
O
IDE chip select 1
used by the host to select control block registers in the
device
naf_ce2_n
O
NAND FLASH chip enable
J11
ide_hiown
D IO ST LSR
O
IDE host IO write strobe
naf_ce3_n
O
NAND FLASH chip enable
G13
ide_hiorn
D IO ST LSR
O
IDE host IO read strobe
naf_we_n
O
NAND FLASH write enable not
G14
ide_dackn
D IO ST LSR
O
IDE DMA acknowledge
used by the host to initiate DMA data transfers
naf_re_n
O
NAND FLASH read enable not
H12
ide_npcblid
D IO ST LSR
I
IDE primary channel cable ID detect
naf_bsy_n
I
NAND FLASH ready / busy not
F15
ide_nscblid
D IO ST LSR
I
IDE secondary channel cable ID select
A12
ide_ha[0]
D OUT LSR
O
IDE host address
H10
ide_ha[1]
D OUT LSR
O
IDE host address
D12
ide_ha[2]
D OUT LSR
O
IDE host address
G10
ide_reset_n
D OUT LSR
O
IDE reset not,
used by the host to reset the device
I2S Output
M6
i2so_sdata
SDI
D OUT LSR
DI
O
I
IS2 data output
data output from digital core to audio sub system, SDI and
i2so_sdata are connected on the BGA
N6
i2so_sclk
SCLK
D OUT LSR
DI
O
I
I2S serial clock
clock output from digital core to audio sub system, SCLK and
isoi_sclk are connected on the BGA
N5
i2so_lrck
LRCK
D OUT LSR
DI
O
I
I2S left/right clock
clock output from digital core to audio sub system, LRCK and
i2so_lrck are connected on the BGA
M5
i2so_mclk
MCLK
D OUT LSR
DI
O
I
I2S master clock
clock output from digital core to audio sub system, MCLK and
i2so_mclk are connected on the BGA
I2S Input
M7
i2si_sdata
SDO
D IN ST
DO
I
O
I2S data input
data output from audio sub system to digital core, SDO and
i2si_sdata are connected on the BGA
i2si_sclk_out
O
I2S master serial clock
serial clock output for external ADC if AS3525 is I2S master
E3
i2si_sclk_in
D IO ST LSR
I
I2S slave serial clock
serial clock input for external ADC if AS3525 is I2S slave
i2si_lrck_out
O
I2S master, left/right clock
left/right clock output for external ADC if AS3525 is I2S
master
D1
i2si_lrck_in
D IO ST LSR
I
I2S slave, left/right clock
left/right clock input for external ADC if AS3525 is I2S master
E4
i2si_mclk
D OUT LSR
O
I2S master, master clock
C1
i2si_sdata_in
D IN ST PD
I
I2S data input
data input from external audio ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com