Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 181 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 181 Page - ams AG

Back Button AS3525 Datasheet HTML 177Page - ams AG AS3525 Datasheet HTML 178Page - ams AG AS3525 Datasheet HTML 179Page - ams AG AS3525 Datasheet HTML 180Page - ams AG AS3525 Datasheet HTML 181Page - ams AG AS3525 Datasheet HTML 182Page - ams AG AS3525 Datasheet HTML 183Page - ams AG AS3525 Datasheet HTML 184Page - ams AG AS3525 Datasheet HTML 185Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
181
- 194
Ball Nr.
BGA224
Ball Name
PAD Type
I/O
Ball Description
R9
LSPR
AO
O
speaker output right channel
P7
BVSS
P
P
speaker amplifier ground supply
R8
BVSS
P
P
speaker amplifier ground supply
R10
LSPL
AO
O
speaker output left channel
P10
BVDD
P
P
audio/PMU subsystem power supply (max. 5.5V)
R11
UVDD
AO
O
LDO6 Regulator Output fixed to 3.262V
to be used for USB transceiver supply
R12
PVDD
AO
O
LDO3 Regulator Output programmed to 1.7 - 3.33V
P11
BVDD
AO
O
audio/PMU subsystem power supply (max. 5.5V)
P12
IOVDD
AO
O
LDO4 Regulator Output fixed to 3.109V
R15
CVDD
AO
O
charge pump output for digital core supply, programmed to
1.05 - 1.2V
to be connected to vdd_core
M13
VBAT_1V
P
P
battery supply input for single cell application
P15
CP_1V
AIO
IO CVDD charge pump flying cap
N15
CN_1V
AIO
IO CVDD charge pump flying cap
M15
VSS_1V
P
P
CVDD charge pump ground supply
M14
QLDO2
AO
O
LDO2 regulator output fixed 2.9V
to be connected to DVDD
L14
CP_5V
AIO
IO VBUS charge pump flying cap
L13
CN_5V
AIO
IO VBUS charge pump flying cap
L15
VSS_3V
P
P
DCDC3V ground supply
K15
SW_3V
AO
O
DCDC3V switch terminal
K14
SW_15V
AO
O
DCDC15V switch terminal
M12
VSS_15V
P
P
DCDC15V ground supply
M11
ISINK
AO
O
DCDC15V load current sink terminal
N14
CHG_IN
AI
I
charger input
P14
CHG_OUT
AO
O
charger output
programmable current (50-400mA) and voltage ( 3.9-4.25V)
M10
BATTEMP
AIO
IO charger battery temperature sensor input (RNTC 100k)
R14
XOUT_32k
AIO
IO 32kHz RTC oscillator crystal terminal
R13
XIN_32k
AIO
IO 32kHz RTC oscillator crystal terminal
P13
RVDD
AO
O
RTC supply regulator output
supplied via BVDD, programmed to 1.0-2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com