Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 183 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 183 Page - ams AG

Back Button AS3525 Datasheet HTML 179Page - ams AG AS3525 Datasheet HTML 180Page - ams AG AS3525 Datasheet HTML 181Page - ams AG AS3525 Datasheet HTML 182Page - ams AG AS3525 Datasheet HTML 183Page - ams AG AS3525 Datasheet HTML 184Page - ams AG AS3525 Datasheet HTML 185Page - ams AG AS3525 Datasheet HTML 186Page - ams AG AS3525 Datasheet HTML 187Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
183
- 194
8.3.2 CTBGA144 Ball List
Table 162 CTBGA144 Ball List
Ball Nr.
BGA144
Ball Name
PAD Type
I/O
Ball Description
K3
XRES
resetext_n
DO
D IN ST
O
I
XRES is generated by the PMU subsystem and connected to
reset input (active low) on the BGA
C2
clk_ext
D IN ST PD
I
external clock input (10-26MHz)
D2
clk_sel
D IN ST PD
I
clock select
0 (low): clock from internal oscillator is used
1 (high): clock from pad clk_ext is used
E2
tmsel
D IN ST PD
I
test mode select
For testing purpose only, has to be set to “0”.
G3
id_dig
D IN ST (PU)
I
USB mini receptacle identifier
Has to be connected to USB jack ID pin.
Port A
D5
xpa[0]
D IO ST PD LSR IO
GPIO IO, Port A
D6
xpa[1]
D IO ST PD LSR IO
GPIO IO, Port A
C5
xpa[2]
D IO ST PD LSR IO
GPIO IO, Port A
C6
xpa[3]
D IO ST PD LSR IO
GPIO IO, Port A
B5
xpa[4]
D IO ST PD LSR IO
GPIO IO, Port A
B6
xpa[5]
D IO ST PD LSR IO
GPIO IO, Port A
A5
xpa[6]
D IO ST PD LSR IO
GPIO IO, Port A
A6
xpa[7]
D IO ST PD LSR IO
GPIO IO, Port A
Port B / DISPLAY / UART
xpb[0]
IO
GPIO IO, Port B
mpmc_stcs1mw[0
]*
I
static memory chip memory width setting for boot loader
0: 8 bit data bus
1: 16 bit data bus
The value is latched at reset.
G6
dbop_c0
D IO ST PD LSR
O
DISPLAY control output
xpb[1]
IO
GPIO IO, Port B
mpmc_stcs1pol*
I
static memory chip select polarity setting for boot loader
0: active LOW chip select
1: active high chip select
The value is latched at reset.
G5
dbop_c1
D IO ST PD LSR
O
DISPLAY control output
xpb[2]
IO
GPIO IO, Port B
mpmc_stcs1pb*
I
static memory byte lane polarity setting for boot loader
0: HIGH for reads, LOW for writes, used for we_n access
1: LOW for reads, LOW for writes, used for upper and lower byte
access
The value is latched at reset.
G4
dbop_c2
D IO ST PD LSR
O
DISPLAY control output
xpb[3]
IO
GPIO IO, Port B
mpmc_rel1config*
I
test mode configuration (for testing purpose only !!!)
The value is latched at reset.
H8
dbop_c3
D IO ST PD LSR
O
DISPLAY control output
xpb[4]
IO
GPIO IO, Port B
H7
dbop_d[8]
D IO ST PD LSR
IO
DISPLAY data input/output (high byte)
xpb[5]
IO
GPIO IO, Port B
H6
dbop_d[9]
D IO ST PD LSR
IO
DISPLAY data input/output (high byte)
H5
xpb[6]
D IO ST PU LSR IO
GPIO IO, Port B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com