Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 182 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 182 Page - ams AG

Back Button AS3525 Datasheet HTML 178Page - ams AG AS3525 Datasheet HTML 179Page - ams AG AS3525 Datasheet HTML 180Page - ams AG AS3525 Datasheet HTML 181Page - ams AG AS3525 Datasheet HTML 182Page - ams AG AS3525 Datasheet HTML 183Page - ams AG AS3525 Datasheet HTML 184Page - ams AG AS3525 Datasheet HTML 185Page - ams AG AS3525 Datasheet HTML 186Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
182
- 194
8.3
CTBGA144 Package Drawings
Figure 63 CTBGA144 Package Drawing
AS3525B
C22O22
AYWWZZZ
Package Code AYYWWZZZ
A
Y
WW
ZZZ
A … for PB free
Year
working week assembly/packaging
Free choice
8.3.1 CTBGA144 Package Ball-out
Figure 64 AS3525B Package Ball-out
12
3
45
6
7
8
910
11
12
A
dbop_d12
dbop_d13
i2si_sdata_in
xpc_2
xpa_6
xpa_7
vdd_peri
vss_peri
dbop_d14
naf_d_2
naf_d_1
naf_d_0
B
jtag_tdi
jtag_tck
jtag_tdo
xpc_3
xpa_4
xpa_5
ssp_fssout
ssp_clkout
dbop_d15
naf_d_3
naf_d_9
naf_d_8
C jtag_trst_n
clk_ext
jtag_tms
xpc_4
xpa_2
xpa_3
ssp_rxd
ssp_txd
naf_d_4
naf_d_12
naf_d_11
naf_d_10
D
usb_dp
clk_sel
xpc_7
xpc_1
xpa_0
xpa_1
naf_d_7
naf_d_6
naf_d_5
naf_d_15
naf_d_14
naf_d_13
E
usb_dm
tmsel
xpc_6
xpc_0
naf_we_n
naf_ce1_n
naf_ce0_n
naf_wp_n
naf_ale
naf_cle
naf_re_n
CHG_OUT
F usb_vssa33 usb_vdda33
xpc_5
xpd_4
xpd_3
xpd_2
xpd_1
xpd_0
naf_bsy_n
xpd_5
ISINK
SW_15V
G
vss_core
usb_rext
id_dig
xpb_2
xpb_1
xpb_0
xpd_7
xpd_6
CHG_IN
CP_5V
CN_5V
SW_3V
H
XIN_32k
vdd_core
VBUS
xpb_7
xpb_6
xpb_5
xpb_4
xpb_3
QLDO2
VSS_3V
CP_1V
CN_1V
J
XOUT_32k
RVDD
CSCL
P_PVDD
INTRQ
PwrUP
naf_ce2_n
naf_ce3_n
VSS_15V
VSS_1V
PVDD
CVDD
K
DVDD
CSDA
XRES
MSUP1
MSUP2
BATTEMP
HPGND
BGND
BVSS2
VBAT_1V
BVDD
BVDD
L XOUT_24M
AVDD
VREF
MIC1_N
MIC2_N
LIN2L
LIN1L
LOUTL
BVSS
HPR
HPL
IOVDD
M
XIN_24M
AVSS
AGND
MIC1_P
MIC2_P
LIN2R
LIN1R
LOUTR
HPCM
LSPR
LSPL
UVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com