Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 179 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 179 Page - ams AG

Back Button AS3525 Datasheet HTML 175Page - ams AG AS3525 Datasheet HTML 176Page - ams AG AS3525 Datasheet HTML 177Page - ams AG AS3525 Datasheet HTML 178Page - ams AG AS3525 Datasheet HTML 179Page - ams AG AS3525 Datasheet HTML 180Page - ams AG AS3525 Datasheet HTML 181Page - ams AG AS3525 Datasheet HTML 182Page - ams AG AS3525 Datasheet HTML 183Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
179
- 194
Ball Nr.
BGA224
Ball Name
PAD Type
I/O
Ball Description
used for SDRAM devices only
E9
mpmc_dycs_n[1] D OUT LSR LV
O
EXT. MEMORY dynamic memory chip select 1 not
used for SDRAM devices only
J7
mpmc_ras_n
D OUT LSR LV
O
EXT. MEMORY row address strobe not
used for SDRAM devices only
F9
mpmc_we_n
D OUT LSR LV
O
EXT. MEMORY write enable not
used for SDRAM devices and static memories
D9
mpmc_stcs_n[0]
D OUT LSR LV
O
EXT. MEMORY static memory chip select 0 not
used for static memory devices only
L7
mpmc_stcs_n[1]
D OUT LSR LV
O
EXT. MEMORY static memory chip select 0 not
used for static memory devices only
A9
mpmc_bls_n[0]
D OUT LSR LV
O
EXT. MEMORY byte lane select 0 not
used for static memory devices only
K7
mpmc_bls_n[1]
D OUT LSR LV
O
EXT. MEMORY byte lane select 1 not
used for static memory devices only
D10
mpmc_oe_n
D OUT LSR LV
O
EXT. MEMORY output enable not
used for static memory devices only
L8
mpmc_data[0]
D IO ST PD LSR LV
IO EXT. MEMORY data line
E10
mpmc_data[1]
D IO ST PD LSR LV
IO EXT. MEMORY data line
L9
mpmc_data[2]
D IO ST PD LSR LV
IO EXT. MEMORY data line
F10
mpmc_data[3]
D IO ST PD LSR LV
IO EXT. MEMORY data line
K8
mpmc_data[4]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A10
mpmc_data[5]
D IO ST PD LSR LV
IO EXT. MEMORY data line
J8
mpmc_data[6]
D IO ST PD LSR LV
IO EXT. MEMORY data line
B10
mpmc_data[7]
D IO ST PD LSR LV
IO EXT. MEMORY data line
H7
mpmc_data[8]
D IO ST PD LSR LV
IO EXT. MEMORY data line
C10
mpmc_data[9]
D IO ST PD LSR LV
IO EXT. MEMORY data line
G8
mpmc_data[10]
D IO ST PD LSR LV
IO EXT. MEMORY data line
E11
mpmc_data[11]
D IO ST PD LSR LV
IO EXT. MEMORY data line
G9
mpmc_data[12]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A11
mpmc_data[13]
D IO ST PD LSR LV
IO EXT. MEMORY data line
J9
mpmc_data[14]
D IO ST PD LSR LV
IO EXT. MEMORY data line
B11
mpmc_data[15]
D IO ST PD LSR LV
IO EXT. MEMORY data line
DBOP
G3
dbop_d[12]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
H3
dbop_d[13]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
A14
dbop_d[14]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
C15
dbop_d[15]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
USB 2.0 OTG
F2
vdda33t
PWP_VD_RDO_3V
P
USB 3.3V analog power supply for OTG transceiver block
J1
vssa33t
PWP_VS_RDO_3V
P
USB 3.3V analog ground supply for OTG transceiver block
H2
vssa33t
PWP_VS_RDO_3V
P
USB 3.3V analog ground supply for OTG transceiver block
G2
vssa33t
PWP_VS_RDO_3V
P
USB 3.3V analog ground supply for OTG transceiver block
G1
usb_dp
USB_ESD_5VT
A
USB D+ signal from USB cable
H1
usb_dm
USB_ESD_5VT
A
USB D- signal from USB cable
K4
NC
-
test pin: must stay unconnected for normal operation
mode
K2
NC
-
test pin: must stay unconnected for normal operation
mode
J2
usb_rext
ANA_BI_RXT_3V
A
USB external resistor connect
analog signal to the external resistor for setting the bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com