Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 186 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 186 Page - ams AG

Back Button AS3525 Datasheet HTML 182Page - ams AG AS3525 Datasheet HTML 183Page - ams AG AS3525 Datasheet HTML 184Page - ams AG AS3525 Datasheet HTML 185Page - ams AG AS3525 Datasheet HTML 186Page - ams AG AS3525 Datasheet HTML 187Page - ams AG AS3525 Datasheet HTML 188Page - ams AG AS3525 Datasheet HTML 189Page - ams AG AS3525 Datasheet HTML 190Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
186
- 194
Ball Nr.
BGA144
Ball Name
PAD Type
I/O
Ball Description
naf_d[14]
IO
NAND FLASH data line (high byte)
D11
D IO ST PD LSR
naf_d[15]
IO
NAND FLASH data line (high byte)
D10
D IO ST PD LSR
naf_cle
O
NAND FLASH command latch enable
E10
D IO ST LSR
naf_ale
O
NAND FLASH address latch enable
E9
D IO ST LSR
naf_wp_n
O
NAND FLASH write protect not
E8
D IO ST PD LSR
naf_ce0_n
O
NAND FLASH chip enable
E7
D IO ST LSR
E6
naf_ce1_n
D IO ST LSR
O
NAND FLASH chip enable
naf_ce2_n
O
NAND FLASH chip enable
J7
D IO ST LSR
naf_ce3_n
O
NAND FLASH chip enable
J8
D IO ST LSR
naf_we_n
O
NAND FLASH write enable not
E5
D IO ST LSR
naf_re_n
O
NAND FLASH read enable not
E11
D IO ST LSR
naf_bsy_n
I
NAND FLASH ready / busy not
F9
D IO ST LSR
I2S Input
i2si_sdata_in
I
I2S data input
data input from external audio ADC
A3
spdif_data_in
D IN ST PD
I
SPDIF data input
data input for SPDIF to I2S conversion
Audio Subsystem IRQ
J5
INTRQ
intrq
DO
D IN ST
O
I
used by the audio/PMU subsystem to interrupt the digital core,
INTRQ and intrq are connected on the BGA
JTAG Debugging IF
C1
jtag_trst_n
D IN ST PD
I
JTAG reset not
C3
jtag_tms
D IN ST PU
I
JTAG mode select
B2
jtag_tck
D IN ST PU
I
JTAG clock
B1
jtag_tdi
D IN ST PU
I
JTAG data input
B3
jtag_tdo
D IO ST PU LSR O
JTAG data output
DBOP
A1
dbop_d[12]
D IO ST PD LSR IO
DISPLAY data input/output (high byte)
A2
dbop_d[13]
D IO ST PD LSR IO
DISPLAY data input/output (high byte)
A9
dbop_d[14]
D IO ST PD LSR IO
DISPLAY data input/output (high byte)
B9
dbop_d[15]
D IO ST PD LSR IO
DISPLAY data input/output (high byte)
USB 2.0 OTG
F2
vdda33
PWP_VD_
ANA_3V
P
USB 3.3V analog power supply for common block
F1
vssa33
PWP_VS_
ANA_3V
P
USB 3.3V analog ground supply for common block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com