Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 188 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 188 Page - ams AG

Back Button AS3525 Datasheet HTML 184Page - ams AG AS3525 Datasheet HTML 185Page - ams AG AS3525 Datasheet HTML 186Page - ams AG AS3525 Datasheet HTML 187Page - ams AG AS3525 Datasheet HTML 188Page - ams AG AS3525 Datasheet HTML 189Page - ams AG AS3525 Datasheet HTML 190Page - ams AG AS3525 Datasheet HTML 191Page - ams AG AS3525 Datasheet HTML 192Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
188
- 194
Ball Nr.
BGA144
Ball Name
PAD Type
I/O
Ball Description
M12
UVDD
AO
O
LDO6 Regulator Output fixed to 3.262V
to be used for USB transceiver supply
J11
PVDD
AO
O
LDO3 Regulator Output programmed to 1.7 - 3.33V
L12
IOVDD
AO
O
LDO4 Regulator Output fixed to 3.109V
J12
CVDD
AO
O
charge pump output for digital core supply, programmed to 1.05
- 1.2V
Note: This PIN has to be connected to vdd_core!
K10
VBAT_1V
P
P
battery supply input for single cell application
H11
CP_1V
AIO
IO
CVDD charge pump flying cap
H12
CN_1V
AIO
IO
CVDD charge pump flying cap
J10
VSS_1V
P
P
CVDD charge pump ground supply
H9
QLDO2
AO
O
LDO2 regulator output fixed 2.9V
to be connected to DVDD
G10
CP_5V
AIO
IO
VBUS charge pump flying cap
G11
CN_5V
AIO
IO
VBUS charge pump flying cap
H10
VSS_3V
P
P
DCDC3V ground supply
G12
SW_3V
AO
O
DCDC3V switch terminal
F12
SW_15V
AO
O
DCDC15V switch terminal
J9
VSS_15V
P
P
DCDC15V ground supply
F11
ISINK
AO
O
DCDC15V load current sink terminal
G9
CHG_IN
AI
I
charger input
E12
CHG_OUT
AO
O
charger output
programmable current (50-400mA) and voltage ( 3.9-4.25V)
K6
BATTEMP
AIO
IO
charger battery temperature sensor input (RNTC 100k)
J1
XOUT_32k
AIO
IO
32kHz RTC oscillator crystal terminal
H1
XIN_32k
AIO
IO
32kHz RTC oscillator crystal terminal
J2
RVDD
AO
O
RTC supply regulator output
supplied via BVDD, programmed to 1.0-2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com