Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 187 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 187 Page - ams AG

Back Button AS3525 Datasheet HTML 183Page - ams AG AS3525 Datasheet HTML 184Page - ams AG AS3525 Datasheet HTML 185Page - ams AG AS3525 Datasheet HTML 186Page - ams AG AS3525 Datasheet HTML 187Page - ams AG AS3525 Datasheet HTML 188Page - ams AG AS3525 Datasheet HTML 189Page - ams AG AS3525 Datasheet HTML 190Page - ams AG AS3525 Datasheet HTML 191Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
187
- 194
Ball Nr.
BGA144
Ball Name
PAD Type
I/O
Ball Description
D1
usb_dp
USB_ESD_5VT
A
USB D+ signal from USB cable
E1
usb_dm
USB_ESD_5VT
A
USB D- signal from USB cable
G2
usb_rext
ANA_BI_RXT_3V A
USB external resistor connect
analog signal to the external resistor for setting the bias current
of the USB 2.0 OTG PHY, voltage level is 1.1-1.3V
H3
VBUS
usb_vbus
USB20_VBUS_5V
T_OTG
AO
AIO
USB 5V supply generated by the PMU subsystem,
VBUS and usb_vbus are connected on the BGA
USB mini receptacle Vbus
Supply Balls
A7
vdd_peri
P
P
3.3V peripheral power supply
A8
vss_peri
P
P
3.3V peripheral ground supply
H2
vdd_core
P
P
1.2V core power supply
Note: This PIN has to be connected to CVDD!
G1
vss_core
P
P
1.2V core ground supply
AFE Balls
K1
DVDD
P
P
audio/PMU subsystem digital power supply
to be connected to QLDO2 (2.9V)
J6
PwrUP
DI PD
I
power Up input
J4
P_PVDD
AI
I
5 State program input of PVDD regulator
M1
XIN_24M
AIO
IO
oscillator input 12-24MHz
L1
XOUT_24M
AIO
IO
oscillator output 12-24MHz
M6
LIN2R
AI
I
line input 2 right channel
L6
LIN2L
AI
I
line input 2 left channel
M7
LIN1R
AI
I
line input 1 right channel
L7
LIN1L
AI
I
line input 1 left channel
K5
MSUP2
P
P
microphone supply 2 (2.95V) / remote input 2
L5
MIC2_N
AI
I
microphone input 2N
M5
MIC2_P
AI
I
microphone input 2P
M4
MIC1_P
AI
I
microphone input 1P
L4
MIC1_N
AI
I
microphone input 1N
K4
MSUP1
P
P
microphone supply 1 (2.95V) / remote input 1
M8
LOUTR
AO
O
line output right channel / ear piece differential output N
L8
LOUTL
AO
O
line output left channel / ear piece differential output P
L2
AVDD
P
P
audio/PMU subsystem analog power supply
M3
AGND
AIO
IO
analog reference (AVDD/2) decoupling cap terminal (10uF)
L3
VREF
AIO
IO
analog reference ( filtered AVDD) decoupling cap terminal
(10uF)
M2
AVSS
P
P
audio/PMU subsystem digital power supply
K7
HPGND
AIO
IO
headphone amplifier reference decoupling cap terminal (100nF)
M9
HPCM
AO
O
headphone common GND output for DC-coupled speakers
L10
HPR
AO
O
headphone output right channel
K9
BVSS2
P
P
headphone amplifier ground supply
L11
HPL
AO
O
headphone output left channel
K8
BGND
P
P
speaker amplifier reference decoupling cap terminal (100nF)
K11
BVDD
P
P
audio/PMU subsystem power supply (max. 5.5V)
M10
LSPR
AO
O
speaker output right channel
L9
BVSS
P
P
speaker amplifier ground supply
M11
LSPL
AO
O
speaker output left channel
K12
BVDD
P
P
audio/PMU subsystem power supply (max. 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com