Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 184 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 184 Page - ams AG

Back Button AS3525 Datasheet HTML 180Page - ams AG AS3525 Datasheet HTML 181Page - ams AG AS3525 Datasheet HTML 182Page - ams AG AS3525 Datasheet HTML 183Page - ams AG AS3525 Datasheet HTML 184Page - ams AG AS3525 Datasheet HTML 185Page - ams AG AS3525 Datasheet HTML 186Page - ams AG AS3525 Datasheet HTML 187Page - ams AG AS3525 Datasheet HTML 188Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
184
- 194
Ball Nr.
BGA144
Ball Name
PAD Type
I/O
Ball Description
uart_rxd
I
UART receive line
dbop_d[10]
IO
DISPLAY data input/output (high byte)
xpb[7]
IO
GPIO IO, Port B
uart_txd
O
UART transmit line
H4
dbop_d[11]
D IO ST PU LSR
IO
DISPLAY data input/output (high byte)
Port C / DISPLAY / 2-WIRE SERIAL
xpc[0]
IO
GPIO IO, Port C
IntBootSel*
I
BOOT LOADER source select input
1: internal ROM
0: external ROM/Flash
E4
dbop_d[0]
D IO ST PD LSR
IO
DISPLAY data input/output (low byte)
xpc[1]
IO
GPIO IO, Port C
boot_sel[0]
I
BOOT LOADER type select input
D4
dbop_d[1]
D IO ST PD LSR
IO
DISPLAY data input/output (low byte)
xpc[2]
IO
GPIO IO, Port C
boot_sel[1]
I
BOOT LOADER type select input
A4
dbop_d[2]
D IO ST PD LSR
IO
DISPLAY data input/output (low byte)
xpc[3]
IO
GPIO IO, Port C
boot_sel[2]
I
BOOT LOADER type select input
B4
dbop_d[3]
D IO ST PD LSR
IO
DISPLAY data input/output (low byte)
xpc[4]
IO
GPIO IO, Port C
C4
dbop_d[4]
D IO ST PD LSR
IO
DISPLAY data input/output (low byte)
xpc[5]
IO
GPIO IO, Port C
F3
dbop_d[5]
D IO ST PD LSR
IO
DISPLAY data input/output (low byte)
xpc[6]
IO
GPIO IO, Port C
cmd_ms_sck
IO
2-WIRE SERIAL master/slave clock line
E3
dbop_d[6]
D IO ST PU LSR
IO
DISPLAY data input/output (low byte)
xpc[7]
IO
GPIO IO, Port C
cmd_ms_sda
IO
2-WIRE SERIAL master/slave data line
D3
dbop_d[7]
D IO ST PU LSR
IO
DISPLAY data input/output (low byte)
Port D / SD Card / Memory Stick
xpd[0]
IO
GPIO IO, Port D
mci_dat[0]
IO
MMC/SD data line
F8
ms_sdio[0]
D IO ST LSR
IO
MEMORY STICK data line
xpd[1]
IO
GPIO IO, Port D
mci_dat[1]
IO
MMC/SD data line
F7
ms_sdio[1]
D IO ST LSR
IO
MEMORY STICK data line
xpd[2]
IO
GPIO IO, Port D
mci_dat[2]
IO
MMC/SD data line
F6
ms_sdio[2]
D IO ST LSR
IO
MEMORY STICK data line
xpd[3]
IO
GPIO IO, Port D
mci_dat[3]
IO
MMC/SD data line
F5
ms_sdio[3]
D IO ST LSR
IO
MEMORY STICK data line
xpd[4]
IO
GPIO IO, Port D
mci_cmd
O
MMC/SD command line
F4
ms_sclk
D IO ST LSR
O
MEMORY STICK clock line
xpd[5]
IO
GPIO IO, Port D
F10
mci_clk
D IO ST LSR
O
MMC/SD clock line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com