Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 62 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 62 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 63Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 64Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 65Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 66Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
62
H5GQ1H24AFR
 4.9. MODE REGISTER 15 (MR15)
Mode Register 15 controls address training mode (ADT) and access to Mode Registers 0 to 14 (MRE) as
shown in Figure 33.
The register is programmed via the MODE REGISTER SET (MRS) command with BA0=1, BA1=1, BA2=1
and BA3=1.
Mode Register 15  is  a  special  register that  operates in  SDR  addressing  mode.  Increased setup  and  hold
times as for command inputs are assumed to ensure the MRS command to this register is successful while
address training (ADT) has not taken place and the integrity of DDR addresses may not be guaranteed.
This is indicated by setting bits A0‐A7 to Don’t Care (“X”) which are paired with the usable bits (A8‐A11)
and the Mode Register address (BA0‐BA3).
Figure 33. Mode Register 15 (MR15) Definition
Address Training (ADT)
Address training mode is enabled and disabled with bit A10.
Mode Register 0‐14 Enable
When disabled by bit A8 (for SGRAMs configured to MF=0) or bit A9 (for SGRAMs configured to MF=1),
the  GDDR5  SGRAM  will  ignore  any  MODE  REGISTER  SET  command  to  Mode  Registers  0  to  14.  If
enabled,  MODE  REGISTER  SET  commands  function  as  normal.  MODE  REGISTER  SET  commands  to
Mode Register 15 (this register) are not affected and will always be executed.
This functional allows for individual configuration of two GDDR5 SGRAMS on a common address bus
without the use of a CS# pin.
A9
MR0‐14 Enable MF=1
0Enabled
1
Disabled
BA3 BA2 BA1 BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
11
11
0
RFU ADT MRE
MF1
MRE
MF0
XX
XX
XX
XX
A10 Address Training (ADT)
0Off
1On
A8
MR0‐14 Enable MF=0
0Enabled
1
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com