Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 61 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 61 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 63Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 64Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 65Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
61
H5GQ1H24AFR
Data Preamble
When enabled by bit A5, non‐gapless READ bursts will be preceded by a fixed data preamble on the DQ
and  DBI#  pins  of  4  U.I.  duration.  The  programmed  READ  latency  does  not  change  when  the  Data
Preamble is enabled. The pattern is not encoded with RDBI, however, if RDBI is disabled, the DBI# pins
will not toggle and drive a HIGH. 
Temperature Sensor
The on‐chip temperature sensor is enabled by bit A6.
A detailed description of the Temperature Sensor can be found in the VENDOR ID, TEMP SENSOR and
SCAN section.
Half VREFD
This  mode  allows  users  to  adjust  the  Vref  level  in  case  the  GDDR5  SGRAM  is  operated  without
termination: when bit A7 is set to’1’, a Vref level of nominally 0.5 * VDDQ is expected at the VREFD pin or
being generated internally (see Figure 31).
Duty Cycle Correction (DCC)
Bits A10 and A11 control the operation of the duty cycle corrector (DCC). The DCC can be used to cancel
out a static duty cycle error on the WCK clocks. For more details see Duty Cycle Correction (DCC) in the
section entitled OPERATION. 
VREFD Selection Options Summary
The following table summarizes the complete set of VREFD selection options.
Table 15  VREFD Selection Options
MR6
MR7
Description
A3
Internal VREFD
A7
Half VREFD
00
External
01
External
10
Internal  0.7 * VDDQ
11
Internal  0.5 * VDDQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com