Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 36 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 36 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 32Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 33Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 34Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 35Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 36Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 37Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 38Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 39Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 40Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
36
H5GQ1H24AFR
RDTR Command
A RDTR burst is initiated with a RDTR command as shown in Figure 19. No bank or column addresses are 
used as the data is read from the internal READ FIFO, not the array. The length of the burst initiated with 
a RDTR command is eight. There is no interruption nor truncation of RDTR bursts.
Figure 19: RDTR Command
A RDTR command may only be issued when a bank is open or a refresh is in progress and bit A2 in MR5 
is set to 0 to allow training during refresh.
RDBI and RDCRC must be enabled to read the DBI and EDC bits, respectively, with the RDTR command. 
If not set, the DBI# pins will remain in ODT state, and the EDC pins will drive the EDC hold pattern.
In case of the RDQS mode, the EDC pin functions like with a normal READ in this mode. The DBI# pin 
behaves like a DQ, and no encoding with DBI is performed.
An amount of RDTR commands greater than the FIFO depth is allowed and shall result in a looping of the 
FIFO’s data output. The FIFO depth from which the RDTR data is read must be a number between 4‐6 and 
must be specified by the DRAM vendor. The FIFO depth is read via the Vendor ID function.
During RDTR bursts, the first valid data‐out element will be available after the CAS latency (CL). The 
latency is the same as for READ. The data on the EDC pins comes with additional CRC latency (tCRCRD) 
after the CL.
Upon completion of a burst, assuming no other RDTR command has been initiated, all DQ and DBI# pins 
will drive a value of ʹ1ʹ and the ODT will be enabled at a maximum of 1 tCK later. The drive value and ter‐
mination value may be different due to separately defined calibration offsets. If the ODT is disabled, the 
pins will drive Hi‐Z.
CS#
WE#
CAS#
RAS#
CKE#
A9 (A12)
A1
A8,A10,A11
BA0‐BA3
A2‐A5
LOW
RDTR
CK
CK#
0,1,1
A7,A0,A6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com