Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 37Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 38Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 39Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 40Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 41Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 42Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 43Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 44Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
41
H5GQ1H24AFR
 4. MODE REGISTERS
GDDR5 specifies 10 Mode Registers to define the specific mode of operation. MR0 to MR7 and MR15 are defined as shown in
the overview in Figure 22. MR8 to MR13 are not defined and may be used by DRAM vendors for vendor specific features. Repro-
gramming the Mode Registers will not alter the contents of the memory array.
All Mode Registers are programmed via the MODE REGISTER SET (MRS) command and will retain the stored information until
they are reprogrammed or the device loses power. Mode Registers must be loaded when all banks are idle and no bursts are in
progress, and the controller must wait the specified time tMRD before initiating any subsequent operation. Violating either of these
requirements will result in unspecified operation.
No default states are defined for Mode Registers except when otherwise noted. Users therefore must fully initialize all Mode Reg-
isters to the desired values e.g. upon power-up.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result. RFU bits are
reserved for future use and must be programmed to 0. Bit A12 is not used for any mode register programming as this address input
is not defined for 1G density.
BA3 BA2 BA1 BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
MR0
00
00
0
Write Recovery (WR)
TM
CAS Latency (CLmrs)
Write Latency 
(WLmrs)
MR1
00
01
0
PLL 
Reset ABI
WDBI
RDBI PLL
Cal 
Upd
ADR/CMD
Termination
Data 
Termination
Driver 
Strength
MR2
00
10
0
ADR/CMD 
Termination Offset
Data and WCK 
Termination Offset
OCD Pullup 
Driver Offset
OCD Pulldown 
Driver Offset
MR3
00
11
0
Bank 
Groups
WCK 
Termination
Info
RDQS
Mode
WCK 
2CK
WCK
23Inv
WCK
01Inv Self Refresh
MR4
01
00
0
EDC 
13Inv
WR 
CRC
RD 
CRC
CRC Read 
Latency
 
(CRCRL)
CRC Write Latency 
(CRCWL)
EDC Hold Pattern
MR5
01
01
0
RFU
PLL Bandwidth 
(PLLBW)
LP3
LP2
RFU
MR6
01
10
0
VREFD Offset
Upper 2 bytes
VREFD Offset
Lower 2 bytes
VREFD Auto
VREFD
VREFD 
Merge
WCK 
PIN
MR7
01
11
0
DCC
RFU
Half 
VREFD
Temp 
Sense
DQ 
PreA
Auto 
Sync
LF 
Mode
RFU
MR14
RFU
MR15
11
11
0
RFU ADT MRE
MF1
MRE
MF0
XX
XX
XX
XX
Figure 22. Mode Registers Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com