Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 71 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 71 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 67Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 68Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 69Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 70Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 71Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 72Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 73Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 74Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 75Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
71
H5GQ1H24AFR
The data input pulse width, tDIPW, defines the minimum positive or negative input pulse width for any 
one worst‐case channel required for proper propagation of an external signal to the receiver. tDIPW is mea‐
sured at the pins. tDIPW is independent of the PLL mode. In general tDIPW is larger than tDIVW.
Upon completion of a burst, assuming no other WRITE data is expected on the bus the GDDR5 SGRAM 
DQ and DBI# pins will be driven according to the ODT state. Any additional input data will be ignored. 
Data for any WRITE burst may not be truncated with a subsequent WRITE command. 
Data from any WRITE burst may be concatenated with data from a subsequent WRITE command. A con‐
tinuous flow of data can be maintained. The first data element from the new burst follows the last element 
of a completed burst. The new WRITE command should be issued after the previous WRITE command 
according to the tCCD timing. If that WRITE command is to another bank then an ACTIVE command must 
precede the WRITE command and tRCDWR also must be met. 
A READ can be issued any time after a WRITE command as long as the internal turn around time tWTR is 
met. If that READ command is to another bank, then an ACTIVE command must precede the READ com‐
mand and tRCDRD also must be met. 
A PRECHARGE can also be issued to the GDDR5 SGRAM with the same timing restriction as the new 
WRITE command if tRAS is met. After the PRECHARGE command, a subsequent command to the same 
bank cannot be issued until tRP is met.
The data inversion flag is received on the DBI# pin to identify whether to store the true or inverted data. If 
DBI# is LOW, the data will be stored after inversion inside the GDDR5 SGRAM and not inverted if DBI# is 
HIGH. WRITE Data Inversion can be enabled (A9=0) or disabled (A9=1) using WDBI in MR1.
When enabled by the WRCRC flag in MR4, EDC data are returned to the controller with a latency of 
(WLmrs + CRCWL) * tCK + tWCK2CKPIN + tWCK2CK + tWCK2DQO, where CRCWL is the CRC Write latency 
programmed in MR4 and tWCK2DQO is the WCK to DQ/DBI#/EDC phase offset at the DRAM pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com