Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 51 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 51 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 47Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 48Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 49Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 55Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
51
H5GQ1H24AFR
WCK01 / WCK23 Inversion
Bits A2 and A3 control whether the internal phase of the WCK01 and WCK23 clock inputs after internal
divide‐by‐2 shall be inverted, corresponding to a 2 U.I. phase shift. The bits are used in conjunction with
WCK2CK training mode.
RDQS Mode
Bit A5 enables the RDQS mode of the GDDR5 SGRAM. In this mode the EDC pins will act as a READ
strobe  (RDQS).  No  CRC  is  supported  in  RDQS  mode,  and  all  related  bits  in  MR4  will  be  ignored.  A
detailed description of the RDQS mode can be found in the section entitled OPERATION.
DRAM Info
Bits A6 and A7 enable the DRAM Info mode which is provided to output the Vendor ID, or the current
junction temperature.
The  Vendor  ID  identifies  the  manufacturer  of  the  GDDR5  SGRAM,  and  provides  the  die  revision,
memory density and FIFO depth.
The Temperature Readout provides the SGRAM’s junction temperature. The on‐chip temperature sensor
is enabled in advance by bit A6 in MR7. 
WCK Termination
Bits A8 and A9 define the termination value for the on‐die termination (ODT) for the WCK01, WCK01#,
WCK23 and WCK23# pins in combination with the driver strength setting.
The termination can be set to a value of ZQ/2 which is intended for a single loaded system, or ZQ which
is  intended  for  double  load  configurations  with  two  devices  sharing  the  WCK  clocks.  The  WCK
termination may also be turned off.
Bank Groups
Bit  A11  enables  the  bank  groups  feature.  With  A11  set  to  ‘1’,  the  bank  groups  feature  is  enabled  and
tCCDL is 3tCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com