Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 12Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 13Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 15Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 16Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 17Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 18Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 19Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
16
H5GQ1H24AFR
 2.2. ADDRESS BUS INVERSION (ABI)
Address Bus Inversion (ABI) reduces the power requirements on address pins, as the no. of address lines 
driving a low level can be limited to 4 (in case A12/RFU is not wired) or 5 (in case A12/RFU is wired).
The Address Bus Inversion function is associated with the electrical signalling on the address lines 
between a controller and the GDDR5 SGRAM, regardless of whether the information conveyed on the 
address lines is a row or column address, a mode register op‐code, a data mask, or any other pattern.
The ABI# input is an active Low double data rate (DDR) signal and sampled by the GDDR5 SGRAM at the 
rising edge of CK and the rising edge of CK# along with the address inputs.
Once enabled by the corresponding ABI Mode Register bit, the GDDR5 SGRAM will invert the pattern 
received on the address inputs in case ABI# was sampled Low, or leave the pattern non‐inverted in case 
ABI# was sampled High, as shown in Figure 6.
Figure 6: Example of Address Bus Inversion Logic
8 (9)
8 (9)
to 
DRAM 
core
ABI#
Address 
Pins
from Mode Register:
0 = enabled
1 = disabled
Note: bus width is 8 when A12/RFU pin is not present, and 9 when A12/RFU pin is present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com