Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 7Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 11Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 12Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 13Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
11
H5GQ1H24AFR
Figure 3: GDDR5 SGRAM Power‐up Initialization
1.2. Initialization with Stable Power
The following sequence is required for reset subsequent to power‐up initialization. This requires that the 
power has been stable within the specified VDD and VDDQ ranges since power‐up initialization (See 
Figure 4)
Table 1  Address and Command Termination
VALUE (OHMS)
CKE# at RESET# high transition
ZQ/2
Low
ZQ
High
TRAIN / MRS
TRAIN / MRS
ADR
CKE#
min. 200 μs
CMD
VDD
VDDQ
VREFD/C
RESET#
tATS tATH
Voltages and
CK stable
DQ<31:0>,
DBI#<3:0>
ADR
EDC<3,0>
All Banks
Precharge
WCK
NOP
NOP
CK#
CK
WCK#
PRE
NOP
tRP
Execution of steps
13‐21 in Power‐up
sequence
TRAIN / MRS
TRAIN / MRS
ADR
A.C.
ADR ADR
min. 200 μs
NOP
NOP
EDC<2,1>
x32
x16
TRAIN / MRS
A.C.
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
Note:  A.C. = Any Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com