Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 31 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 31 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 27Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 28Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 29Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 30Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 31Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 32Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 33Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 34Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 35Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
31
H5GQ1H24AFR
GDDR5 WCK2CK Training in x16 mode
For configurations with WCK clocks not shared between two GDDR5 SGRAMs it is suggested to set the 
WCK phase to the ideal alignment point. However, for configurations where two GDDR5 SGRAMs (x16) 
share their WCK clocks as in a x16 clamshell, an offset given by the midpoint of both DRAM’s ideal WCK 
positions may be required. The maximum allowed offset in this case is specified by parameter 
tWCK2CKSYNC: it defines the WCK offset range from the ideal alignment which still guarantees a GDDR5 
SGRAM device to internally synchronize its WCK and CK clocks upon training exit.
Example: outline of training sequence for x32 and x16 configurations with 2 GDDR5 SGRAMs sharing 
their WCK clocks (e.g. clamshell):
1) 
Enable training mode for both DRAMs via MRS and wait tMRD
2) 
For both DRAMs sweep and observe the phase independently for WCK01 on EDC0 and WCK23 
on 
               EDC2; in case the internal divide‐by‐2 circuits are at opposite phases use either the WCK01 or 
               WCK23 inversion bit to flip one of the WCK divide‐by‐2 circuits; in case of shared CS# signals use 
               MREMF0 and MREMF1 bits in MR15 to explicitly direct the MRS command for this phase flipping 
                 to either DRAM1 or DRAM2 (“soft chip select”);
3) 
Sweep and observe the phase on DRAM1 independently for WCK01 on EDC0 and WCK23 on 
                EDC2; store the setting for the optimal WCK phase
4) 
Sweep and observe the phase on DRAM2 independently for WCK01 on EDC0 and WCK23 on 
                EDC2; store the setting for the optimal WCK phase
5) 
Sweep WCK01 and WCK23 phase to midpoint of DRAM1 and DRAM2 optimal settings
6) 
Issue a PLL reset and wait for tLK (PLL on mode only)
7) 
While all WCK and CK are aligned, exit WCK2CK training mode via MRS
8) 
Wait tMRD for the reset of data synchronizers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com