Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 97 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 97 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 93Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 94Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 95Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 96Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 97Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 98Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 99Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 100Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 101Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
97
H5GQ1H24AFR
 5.11. READ and WRITE DATA BUS INVERSION (DBI)
The GDDR5 SGRAM Data Bus Inversion (DBIdc) reduces the DC power consumption on data pins, as the 
number of DQ lines driving a low level can be limited to 4 within a byte. DBIdc is evaluated per byte.
There is one DBI# pin per byte: DBI0# is associated with DQ0‐DQ7, DBI1# with DQ8‐DQ15, DBI2# with 
DQ16‐DQ23 and DBI3# with DQ24‐DQ31.
The DBI# pins are bidirectional active Low double data rate (DDR) signals. For Writes, they are sampled 
by the GDDR5 SGRAM along with the DQ of the same byte. For Reads, they are driven by the GDDR5 
SGRAM along with the DQ of the same byte.
Once enabled by the corresponding RDBI Mode Register bit, the GDDR5 SGRAM inverts read data and 
sets DBI# Low, when the number of ’0’ data bits within a byte is greater than 4; otherwise the GDDR5 
SGRAM does not invert the read data and sets DBI# High, as shown in Figure 64.
Once enabled by the corresponding WDBI Mode Register bit, the GDDR5 SGRAM inverts write data 
received on the DQ inputs in case DBI# was sampled Low, or leaves the data non‐inverted in case DBI# 
was sampled High, as shown in Figure 65.
Figure 64. Example of Data Bus Inversion Logic for READs
Figure 65. Example of Data Bus Inversion Logic for WRITEs
The flow diagram in Figure 66 illustrates the DBIdc operation. In any case, the transmitter (the controller 
for WRITEs, the GDDR5 SGRAM for READs) decides whether to invert or not invert the data conveyed on 
the DQs. The receiver (the GDDR5 SGRAM for WRITEs, the controller for READs) has to perform the 
reverse operation based on the level on the DBI# pin. Data input and output timing parameters are only 
valid with DBI being enabled and a maximum of 4 data lines per byte driven Low.
8
8
from 
DRAM
core
DQ
from Mode Register:
0 = enabled
1 = disabled
DBI#
’0’
count
>4
8
8
to 
DRAM
core
DBI#
DQ
from Mode Register:
0 = enabled
1 = disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com