Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 65 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 65 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 63Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 64Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 65Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 66Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 67Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 68Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 69Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
65
H5GQ1H24AFR
 5.2. DESELECT (NOP)
The DESELECT function (CS# HIGH) prevents new commands from being executed by the GDDR5 
SGRAM. The GDDR5 SGRAM is effectively deselected. Operations already in progress are not affected.
 5.3. NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to instruct the selected GDDR5 SGRAM to perform a NOP 
(CS# LOW). This prevents unwanted commands from being registered during idle or wait states. Opera‐
tions already in progress are not affected.
 5.4. MODE REGISTER SET
The MODE REGISTER SET command is used to load the Mode Registers of the GDDR5 SGRAM. The bank 
address inputs BA0‐BA3 select the Mode Register, and address puts A0‐A11(A12) determine the op‐code 
to be loaded. See MODE REGISTER for a register definition. The MODE REGISTER SET command can 
only be issued when all banks are idle and no bursts are in progress, and a subsequent executable com‐
mand cannot be issued until tMRD is met.
Figure 36. MRS Command
LOW
RA = Row Address
CO = Op‐code
BA = Bank Address
EN AP = Enable Auto Precharge
DIS AP = Disable Aut o Precharge
Mode Register Set
CO
CO
CS#
WE#
CAS#
RAS#
CKE#
CK
CK#
DONʹT CARE
BA
CO
BA0‐BA3
A2‐A5
BA0,1,2,3
A2,3,4,5
A8,9,10,11, (12)
A0,1,6,7
A8‐A11 (A12)
A0,A1,A6,A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com