Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 29 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 29 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 25Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 26Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 27Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 28Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 29Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 30Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 31Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 32Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
29
H5GQ1H24AFR
Also, this mode works for both normal and PIN mode. When WCK2CK automatic synchronization mode 
is enabled, a full WCK2CK training including Phase search is not required after power‐down exit, 
although WCK2CK MRS must be issued momentarily for setting the data synchronizers. However, WCK 
and CK clocks must meet the tWCK2CKSYNC specification upon power‐down exit. Any allowed command 
may be issued after tXPN or after tLK in case the PLL had been enabled upon power‐down entry. The PLL 
sequence is not affected by this mode. The use of WCK2CK automatic synchronization mode is restricted 
to lower operating frequencies up to fCKAUTOSYNC as described in the datasheets.
Table 12 describes WCK2CK training methods for different frequency ranges. Each Frequency range is 
vendor specific. Normal and PIN mode of WCK2CK training are described in Table 12. Each frequency 
range is DRAM vendor specific. Divider initialization can be done by training with WCK2CK inversion, 
WCK2CK stopping, or WCK2CK auto‐sync. If the user wants to use WCK2CK stop for divider initializa‐
tion instead of WCK2CK auto‐sync, the user must not set the WCK2CK auto‐sync. Low frequency, the 
combined use of PIN and WCK2CK auto‐sync modes can minimize WCK2CK training time.
* Note: The divided WCK/WCK# should be aligned CK/CK# by WCK2CK Auto Synchronization or WCK stop mode
The following examples describe the WCK2CK training in more detail.
Example 1: outline of a basic WCK2CK training sequence without WCK clock stop:
1) 
Enable training mode via MRS and wait tMRD
2) 
Sweep and observe the phase independently for WCK01 on EDC0 and WCK23 on EDC2; in case
                the internal divide‐by‐2 circuits are at opposite phase use either the WCK01 or WCK23 inversion 
bit
                to flip one of the WCK divide‐by‐2 circuits
3) 
Adjust the WCK phase independently for WCK01 and WCK23 to the optimal point (“ideal 
                alignment”)
4) 
Issue a PLL reset and wait for tLK (PLL on mode only)
5) 
While all WCK and CK are aligned, exit WCK2CK training mode via MRS
6) 
Wait tMRD for the reset of data synchronizers
Table 12  WCK2CK training simplified for Normal mode and PIN mode
High Frequency 
Low Frequency 
Frequency
≥ 2Gbps
< 2Gbps
WCK2CK alignment mode
Normal
PIN
Normal
PIN
Phase Search
Required
Required
No*
No*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com