Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 40 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 40 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 36Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 37Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 38Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 39Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 40Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 41Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 42Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 43Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 44Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
40
H5GQ1H24AFR
Data from any WRTR burst may be concatenated with data from a subsequent WRTR command. A contin‐
uous flow of data can be maintained. The first data element from the new burst follows the last element of 
a completed burst. The new WRTR command should be issued after the previous WRTR command 
according to the tCCDS timing.
A RDTR can be issued any time after a WRTR command as long as the internal bus turn around time 
tRTWTR is met.
The total number of WRTR commands modulo FIFO depth must equal the total number of RDTR com‐
mands modulo FIFO depth when used in conjunction with RDTR. No READ or WRITE commands are 
allowed between WRTR and RDTR.
Figure 21: Write Training using WRTR and RDTR Commands
CK#
CK
CMD
WLmrs
DQ
NOP
WRTR
1.  WLmrs, CLmrs and CRCRL set to 1 for ease of illustration; check Mode Register definition for supported settings
WRTR
ADDR
T0
T1
T2
T3
T4
T5
Ta
Ta+1
Ta+2
Ta+3
Ta+4
NOP
NOP
NOP
RDTR
NOP
RDTR
NOP
NOP
WCK
WCK#
EDC
EDC Hold
EDC Hold
EDC Hold
EDC Hold
EDC Hold
EDC Hold
EDC Hold
EDC Hold
Donʹt Care
WLmrs
CLmrs
CRCRL
CLmrs
CRCRL
tWTRTR
2.  WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes.  WCK2CK training determines the needed offset between WCK and CK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com