Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 19Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 20Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 21Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 22Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 23Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 24Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 25Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 26Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
23
H5GQ1H24AFR
Figure 9: Address Training Timing
Table 10 defines the correspondence between address bits and DQ/DBI#. Devices configured to x16 mode 
reflect the address on the two bytes being enabled in that mode, which are bytes 0 and 2 for MF=0 and 
bytes 1 and 3 for MF=1 configurations. Devices configured to x32 mode reflect the address on the same DQ 
as in x16 mode; in addition they are allowed but not required to reflect the address on those bytes that are 
disabled in x16 mode, thus reflecting each address twice.
Devices not supporting an A12/RFU pin shall drive a logic High on the DBI# pins. 
Table 9  AC timings in Address Training Mode
Parameter
Symbol
Min
Max
Unit
READ command to data out delay 
tADR
0.5*tCK+0
0.5*tCK+10
ns
ADT off to DQ/DBI# in ODT state delay
tADZ
‐‐
0.5*tCK+10
ns
CK#
CK
tADR
Even
DQ
Notes:
1) READ command encoding: CS# = L, RAS# = H, CAS# = L, WE# = H 
2) ADRxR   = 1st half of address x, sampled on rising edge of CK; 
    ADRxR# = 2nd half of address x, sampled on rising edge of CK#
3) Addresses sampled on rising edge of CK are returned on even DQ after tADR; 
    addresses sampled on rising edge of CK# are returned on odd DQ simultaneously with even DQ
4) DQs are enabled when ADT bit in Mode Register 15 set to 1 (Enter Address Training Mode)
    DQs are disabled after tADZ when ADT bit in Mode Register 15 set to 0 (Exit Address Training Mode)
ADRx
R#
CMD
ADDR
ADRy
R
ADRy
R#
Odd
DQ
tADR
tMRD
MR15
A10=1
ADRx
R
Donʹt Care
ADRx
R
ADRy
R
ADRx
R#
ADRy
R#
ADRz
R
ADRz
R
ADRz
R#
tADR
MR15
A10=0
tADZ
ADRz
R#
MRS
NOP
READ (*)
NOP
READ (*)
NOP
READ (*)
NOP
MRS
NOP
NOP
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com