Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 2Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 3Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 4Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 5Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 6Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 7Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 173 page
background image
Rev. 1.0 /Nov. 2009
6
H5GQ1H24AFR
ORDERING INFORMATION
Above Hynix P/N’s are Leead-free, RoHS Compliant and Halogen-free.
Note.1)It supports not only 5Gbps @ 1.5V, but also 3.2Gbps @ 1.35V.
Part No
Power Supply
CK Frequency WCK Frequency Max Data Rate
Interface
H5GQ1H24AFR-R0C
VDD/VDDQ = 1.6V
1.50GHz
3.00GHz
6.0Gbps/pin
POD_15
H5GQ1H24AFR-T3C
VDD/VDDQ = 1.5V
1.375GHz
2.75GHz
5.5Gbps/pin
H5GQ1H24AFR-T2L (Note1)
1.25GHz
2.50GHz
5.0Gbps/pin
H5GQ1H24AFR-T2C
1.25GHz
2.50GHz
5.0Gbps/pin
H5GQ1H24AFR-T1C
1.125GHz
2.25GHz
4.5Gbps/pin
H5GQ1H24AFR-T0C
1.00GHz
2.00GHz
4.0Gbps/pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com