Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 29Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 30Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 31Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 32Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 33Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 34Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 35Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 36Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
33
H5GQ1H24AFR
Figure 16: Data Paths used for Read and Write Training
LDFF Command
The LDFF command (Figure 17) is used to securely load data to the GDDR5 SGRAM Read FIFOs via the 
address bus. Depending on the GDDR5 SGRAM READ FIFO depth nFIFO 6, any bit pattern of length 32‐
48 can be loaded uniquely to every DQ, DBI# and EDC pin within a byte. The FIFO depth is fixed by 
design and can be read via the Vendor ID function.
Eight LDFF commands are required to fill one FIFO stage; each LDFF command loads one burst position, 
and the bank addresses BA0‐BA2 select the burst position from 0 to 7.
The data pattern is conveyed on address pins A0‐A7 for DQ0‐DQ7, A9 for DBI0#, and BA3 for EDC0; the 
data are internally replicated to all 4 bytes, as shown in Figure 18.
72
WRTR strobe
(CK domain)
WRTR
FIFO 6 × 72=432  bits per byte
RDTR strobe
(WCK)
Reverse
DBI
DRAM
Core
64
64
WRTR
output
pointer
input
pointer
DQ0‐DQ7
DBI0#
EDC0
e.g. 500Mbps
DBI
e.g. 4Gbps
e.g.
500Mbps
RDTR strobe
(WCK)
72
LDFF
ADDR
72
8
DEMUX
LDFF
8
10
BA0‐BA2
Notes:
1) FIFO depth of 5 shown; supported FIFO depths: 4, 5 or 6
2) data paths shown for 1 of 4 bytes (byte 0)
Address 
Path
4
3
2
1
0
4
3
2
1
0
output
pointer
input
pointer
4
3
2
1
0
4
3
2
1
0
9
0
8
16
24
32
40
48
56
64
1
9
17
25
33
41
49
57
65
2
10
18
26
34
42
50
58
66
3
11
19
27
35
43
51
59
67
4
12
20
28
36
44
52
60
68
5
13
21
29
37
45
53
61
69
6
14
22
30
38
46
54
62
70
7
15
23
31
39
47
55
63
71
8
8:1
TX
9
Parallel to Serial 
Converter
Serial to Parallel 
Converter
72
8:1
RX
8:1
Parallel to Serial 
Converter
CRC strobe
LDFF strobe (burst 7)
WRTR strobe
LDFF strobe (burst 7)
M
U
X
M
U
X
72
M
U
X
DQ
 72
M
U
X
8
CRC8
RX
Data path used with RDTR
Data path used with WRTR
8
M
U
X
0
1
2
3
4
5
67
CRC FIFO 6 × 8 =48 bits per byte
Data path used with LDFF
Data path used with LDFF/WRTR
TX
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com