Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 28 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 28 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 24Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 25Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 26Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 27Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 28Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 29Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 30Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 31Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 32Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
28
H5GQ1H24AFR
After exiting WCK2CK training mode, the WCK phase is allowed to further drift from the ideal alignment 
point by a maximum of tWCK2CK (e.g. due to voltage and temperature variation). Once this WCK phase 
drift exceeds tWCK2CK(min) or tWCK2CK(max), it is required to repeat the WCK2CK training and realign 
the clocks.
WCK2CK alignment at PIN Mode 
The WCK and CK phase alignment point can be changed via MRS by setting bit A0 in MR6. In normal 
mode, when MR6 A0 is set to ‘0’, the phases of CK and WCK are aligned at CK pins and the end of WCK 
tree as shown in Figure 13. On the other hand, when MR6 A0 is set to ‘1’, the phases of CK and WCK are 
aligned at the pin as shown in Figure 14. PIN mode is supported up to the max CK clock frequency of       
fCKPIN, and is an option to reduce the time of WCK2CK training at low frequency.
 
Figure 13: Normal Mode
 
Figure 14: Pin Mode
WCK2CK Auto Synchronization 
GDDR5 SGRAMs support a WCK2CK automatic synchronization mode that eliminates the need for 
WCK2CK training upon power‐down exit. This mode is controlled by the autosync bit (MR7, bit A4), and 
is effective when the LP2 bit (MR5, bit A1) is set and the WCK clocks are stopped during power‐down. 
CK
CK#
WCK
WCK#
DQ
CK
EDC
Internal WCK/2
Internal CK
Phase
Detector
CK
CK#
WCK
WCK#
DQ
CK
EDC
Internal WCK/2
Internal CK
Phase
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com