Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 23Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 24Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 25Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 26Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 27Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 28Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 29Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 30Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
27
H5GQ1H24AFR
Figure 12: EDC pin Behaviour for WCK2CK Training (assumes ‘1111’ as EDC Hold Pattern)
The ideal alignment is indicated by the phase detector output transitioning from “early” to “late” when 
the delay of the WCK phase is continuously increased. The WCK phase range for ideal alignment is speci‐
fied by the parameter tWCK2CKPIN ; the value(s) vary with the PLL  mode (on or off) and the selected align‐
ment point. 
If enabled, the PLL shall not interfere in the behavior of the WCK2CK training. Significantly moving the 
phase and/or stopping the WCK during training may disturb the PLL. It is required to perform a PLL reset 
after the WCK2CK training has determined and selected the proper alignment between WCK and CK 
clocks. The PLL lock time tLK must be met before exiting WCK2CK training to guarantee that the PLL is in 
lock such that the GDDR5 SGRAM data synchronizers are set upon WCK2CK training exit. 
WCK2CK training is exited via MRS by resetting bit A4 in MR3. For proper reset of the data synchronizers 
it is required that the WCK and CK clocks are aligned within tWCK2CKSYNC at the time of the WCK2CK 
training exit. 
Table 11  Phase Detector and EDC Pin behavior
WCK/2 value sampled by CK
WCK2CK Phase
Data on EDC Pin
Action
‘1’
‘Early’
EDC hold (‘1111’)
Increase Delay on WCK
‘0’
‘Late’
Inverted EDC Hold (‘0000’)
Decrease Delay on WCK
x
EDC0
CK
WCK01/2
WCK23/2
(internal)
x
x
x
x
x
x
x
x
x
x
x
x
x
x
EDC2
1
 ‐ tWCK2CK
tWCKTPH
WCK Early
EDC0
WCK01/2
WCK23/2
(internal)
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
EDC2
0
 + tWCK2CK
tWCKTPH
WCK Late
1
2
1       1       1       1
0       0       0       0
EDC0
WCK01/2
WCK23/2
(internal)
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
EDC2
tWCKTPH
3
x
x
x
x
Aligned
Late
Early



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com