Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 100 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 100 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 96Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 97Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 98Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 99Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 100Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 101Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 102Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 103Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 104Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
100
H5GQ1H24AFR
Figure 67. EDC Calculation matrix
The CRC calculation is embedded into the WRITE and READ data stream as shown in Figure 16:
•for WRITEs, the CRC checksum is calculated on the DQ and DBI# input data before decoding with DBI
•for READs, the CRC checksum is calculated on the DQ and DBI# output data after encoding with DBI
The bit ordering is optimized for errors in the time burst direction. Figure 67 shows the bit orientation on a 
byte lane basis. All ʹ1sʹ are assumed in the calculation for the DBI# in burst in case DBI is disabled for 
WRITEs or READs in the Mode Register.
The CRC calculation is also not affected by any data mask sent along with WDM, WDMA, WSM or WSMA 
commands.
The EDC latency is based on the CAS latency for READ data and the WRITE latency for WRITE data. 
Table 25 shows the 2 timing parameters associated with the EDC scheme. 
Mode Register 4 is used to determine the functionality of the EDC pin. Register bits A9 and A10 control the 
GDDR5 SGRAM’s CRC calculation independently for READs and WRITEs. With EDC off, the calculated 
CRC pattern will be replaced by the EDC hold pattern defined in Mode Register bits A0 ‐ A3. See “Mode 
Registers on page 39” section for more details.
DQ0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DBI0#
Burst 8 Ordering  (2 tCK)
CRC Data Input
DQ/DBI# bit ordering  
0
1
2
3
4
5
67
CRC Polynomial
T0 + 8 U.I.
T0
CRC Data Output
EDC bit ordering  
Burst 8 Ordering  (2 tCK)
X0 X1 X2 X3 X4 X5 X6 X7
T0 + 8 U.I.
T0
X8 + X2 + X + 1 = 0 x 83 = ( X + 1) (X7 + X6 + X5 + X4 + X3 + X2 + 1) 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com