Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 103 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 103 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 99Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 100Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 101Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 102Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 103Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 104Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 105Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 106Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 107Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
103
H5GQ1H24AFR
 5.13. PRECHARGE
The PRECHARGE command (see Figure 68) is used to deactivate the open row in a particular bank (PRE) 
or the open row in all banks (PREALL). The bank(s) will be available for a subsequent row access a speci‐
fied time (tRP) after the PRECHARGE command is issued as illustrated in Figure 39. 
Input A8 determines whether one or all banks are to be precharged. In case where only one bank is to be 
precharged, inputs BA0‐BA3 select the bank. Otherwise BA0‐BA3 are treated as “Don’t Care”.
Once a bank has been precharged, it is in the idle state and must be activated prior to any READ or WRITE 
command being issued. A PRECHARGE command will be treated as a NOP if there is no open row in that 
bank, or if the previously open row is already in the process of precharging. Sequences of PRECHARGE 
commands must be spaced by at least tPPD as shown in Figure 69.
Figure 68. PRECHARGE command
Figure 69. Precharge to Precharge Timings
BA = Bank Address (if A8 is LOW;
otherwise Donʹt Care)
CS#
WE#
CAS#
RAS#
CKE#
A9‐A11(A12)
A0,A1,A6,A7
A8
BA0‐BA3
A2‐A5
LOW
PREALL
PRE
BA
Precharge
CK
CK#
A7
CK#
CK
CMD
NOP
BAx,y = bank address x,y
ADDR
PRE
NOP
PRE
NOP
BAy
tPPD
BAx
tRAS
tRP
T0
T1
T2
T3
T4
Donʹt Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com