Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 50 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 50 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 46Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 47Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 48Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 49Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
50
H5GQ1H24AFR
 4.4. MODE REGISTER 3 (MR3)
Mode Register 3 controls functions including Bank Groups, WCK termination, self refresh, RDQS mode,
DRAM Info and WCK2CK training as shown in Figure 27.
Mode  Register  3  is  programmed  via  the  MODE  REGISTER  SET  (MRS)  command  with  BA0=1,  BA1=1,
BA2=0 and BA3=0.
Figure 27. Mode Register 3 (MR3) Definition
Self Refresh
The refresh interval in self refresh mode may be set to 32ms, 16ms and 8ms. 
WCK2CK
Bit  A4  (WCK2CK)  enables  and  disables  the  WCK2CK  alignment  training.  For  details  on  this  training
sequence, see the section on TRAINING.
A1
A0
Self Refresh
00
32 ms
0
1
16ms
10
8ms
11
RFU
BA3 BA2 BA1 BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
00
11
0
Bank 
Groups
WCK 
Termination
Info
RDQS
Mod
e
WCK 
2CK
WCK
23Inv
WCK
01Inv Self Refresh
A9
A8
WCK Termination
00
Disabled
01
ZQ/2
10
ZQ
11
RFU
A4
WCK2CK Training
0Off
1On
A3
WCK23 Invert
0Off
1On
A2
WCK01 Invert
0Off
1On
A7
A6
DRAM Info
00
off
01
Vendor ID
1
0
Temperature Readout 
11
RFU
A5
RDQS 
Mode
0Off
1On
A11
A10
Bank Groups
0X
off / tCCDL = 2 tCK
1X
on / tCCDL = 3 tCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com